Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBG18A Datasheet (PDF) - Digitron Semiconductors

SMBG18A Datasheet PDF - Digitron Semiconductors
Part # SMBG18A
Download  SMBG18A Download
File Size   188.26 Kbytes
Page   4 Pages
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors
Description SURFACE MOUNT 600W TVS

SMBG18A Datasheet (PDF)

Go To PDF Page Download Datasheet
SMBG18A Datasheet PDF - Digitron Semiconductors

Part # SMBG18A
Download  SMBG18A Click to download

File Size   188.26 Kbytes
Page   4 Pages
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors
Description SURFACE MOUNT 600W TVS

SMBG18A Datasheet (HTML) - Digitron Semiconductors


SMBG18A Product details

SURFACE MOUNT 600W TVS




Similar Part No. - SMBG18A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SMBG18A GE-SMBG18A Datasheet
77Kb / 4P
SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBG18A MICROSEMI-SMBG18A Datasheet
139Kb / 3P
UNI- AMD BI-DIRECTIONAL SURFACE MOUNT
SMBG18A MICROSEMI-SMBG18A Datasheet
209Kb / 4P
SURFACE MOUNT 600 Watt Transient Voltage Suppressor
logo
Vishay Siliconix
SMBG18A VISHAY-SMBG18A Datasheet
116Kb / 6P
Surface Mount TRANSZORB® Transient Voltage Suppressors
22-Oct-08
logo
Microsemi Corporation
SMBG18A MICROSEMI-SMBG18A Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt Transient Voltage Suppressor
More results


Similar Description - SMBG18A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMBJ SECOS-SMBJ Datasheet
422Kb / 4P
600W Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_15 Datasheet
79Kb / 4P
600W Peak Power Surface Mount TVS
SMA6J SECOS-SMA6J Datasheet
315Kb / 4P
5V ~ 85V, 600W Peak Power Surface Mount TVS
logo
Shindengen Electric Mfg...
ST06-27CE SHINDENGEN-ST06-27CE Datasheet
1Mb / 6P
TVS 17.3A, 600W
ST06-30CE SHINDENGEN-ST06-30CE Datasheet
1Mb / 6P
TVS 15A, 600W
ST06-33CE SHINDENGEN-ST06-33CE Datasheet
1Mb / 6P
TVS 14A, 600W
ST06-39CE SHINDENGEN-ST06-39CE Datasheet
1Mb / 6P
TVS 11A, 600W
logo
UN Semiconducctor INC
6.0SMAJ UNSEMI-6.0SMAJ Datasheet
3Mb / 6P
5.0 To 200V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
P6SMB UNSEMI-P6SMB Datasheet
3Mb / 7P
6.8 To 600V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
SMBJ UNSEMI-SMBJ Datasheet
4Mb / 8P
3.3 To 440V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com