Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP34C Datasheet (PDF) - Motorola, Inc

TIP34C Datasheet PDF - Motorola, Inc
Part # TIP34C
Download  TIP34C Download
File Size   105.51 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description COMPLEMENTARY SILICON POWER TRANSISTORS

TIP34C Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP34C Datasheet PDF - Motorola, Inc

Part # TIP34C
Download  TIP34C Click to download

File Size   105.51 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description COMPLEMENTARY SILICON POWER TRANSISTORS

TIP34C Datasheet (HTML) - Motorola, Inc


TIP34C Product details

Complementary Silicon High-Power Transistors

. . . for general–purpose power amplifier and switching applications.

• 10 A Collector Current
• Low Leakage Current — ICEO = 0.7 mA @ 60 V
• Excellent dc Gain — hFE = 40 Typ @ 3.0 A
• High Current Gain Bandwidth Product — hfe = 3.0 min @ IC = 0.5 A, f = 1.0 MHz




Similar Part No. - TIP34C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP34C MOSPEC-TIP34C Datasheet
144Kb / 3P
POWER TRANSISTORS(10A,40-100V,80W)
logo
ON Semiconductor
TIP34C ONSEMI-TIP34C Datasheet
102Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
logo
Power Innovations Ltd
TIP34C POINN-TIP34C Datasheet
91Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
STMicroelectronics
TIP34C STMICROELECTRONICS-TIP34C Datasheet
48Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Oct-1999
logo
KEC(Korea Electronics)
TIP34C KEC-TIP34C Datasheet
73Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH POWER AMPLIFIER)
More results


Similar Description - TIP34C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Seme LAB
2N6299SMD SEME-LAB-2N6299SMD Datasheet
33Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5871 NJSEMI-2N5871 Datasheet
253Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N5879 NJSEMI-2N5879 Datasheet
171Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP3055G ONSEMI-TIP3055G Datasheet
114Kb / 6P
Complementary Silicon Power Transistors
May, 2012 ??Rev. 7
logo
Central Semiconductor C...
2N3055 CENTRAL-2N3055_15 Datasheet
493Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N4231A CENTRAL-2N4231A_15 Datasheet
344Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
TIP35 CENTRAL-TIP35_15 Datasheet
445Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H Datasheet
102Kb / 5P
Complementary Silicon Power Transistors
November, 2014 ??Rev. 13
logo
New Jersey Semi-Conduct...
D44H NJSEMI-D44H Datasheet
91Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com