Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP34C Datasheet(PDF) 1 Page - Motorola, Inc

Part # TIP34C
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TIP34C Datasheet(HTML) 1 Page - Motorola, Inc

  TIP34C Datasheet HTML 1Page - Motorola, Inc TIP34C Datasheet HTML 2Page - Motorola, Inc TIP34C Datasheet HTML 3Page - Motorola, Inc TIP34C Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Bipolar Power Transistor Device Data
Complementary Silicon
High-Power Transistors
. . . for general–purpose power amplifier and switching applications.
• 10 A Collector Current
• Low Leakage Current — ICEO = 0.7 mA @ 60 V
• Excellent dc Gain — hFE = 40 Typ @ 3.0 A
• High Current Gain Bandwidth Product — hfe = 3.0 min @ IC = 0.5 A, f = 1.0 MHz
MAXIMUM RATINGS
Rating
Symbol
TIP33B
TIP34B
TIP33C
TIP34C
Unit
Collector–Emitter Voltage
VCEO
80 V
100 V
Vdc
Collector–Base Voltage
VCB
80 V
100 V
Vdc
Emitter–Base Voltage
VEB
5.0
Vdc
Collector Current — Continuous
Peak (1)
IC
10
15
Adc
Base Current — Continuous
IB
3.0
Adc
Total Power Dissipation
@ TC = 25_C
Derate above 25
_C
PD
80
0.64
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to + 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
1.56
_C/W
Junction–To–Free–Air Thermal Resistance
R
θJA
35.7
_C/W
(1) Pulse Test: Pulse Width = 10 ms, Duty Cycle
v 10%.
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (A)
0.1
1.0
5.0
10
10
20
100
500
200
50
NPN
PNP
VCE = 4.0 V
TJ = 25°C
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by TIP33B/D
© Motorola, Inc. 1995
TIP33B
TIP33C
TIP34B
TIP34C
10 AMPERE
COMPLEMENTARY
SILICON
POWER TRANSISTORS
100 VOLTS
80 WATTS
*Motorola Preferred Device
*
NPN
*
PNP
CASE 340D–01
TO–218AC


Similar Part No. - TIP34C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP34C MOSPEC-TIP34C Datasheet
144Kb / 3P
POWER TRANSISTORS(10A,40-100V,80W)
logo
ON Semiconductor
TIP34C ONSEMI-TIP34C Datasheet
102Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
logo
Power Innovations Ltd
TIP34C POINN-TIP34C Datasheet
91Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
STMicroelectronics
TIP34C STMICROELECTRONICS-TIP34C Datasheet
48Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Oct-1999
logo
KEC(Korea Electronics)
TIP34C KEC-TIP34C Datasheet
73Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH POWER AMPLIFIER)
More results

Similar Description - TIP34C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Seme LAB
2N6299SMD SEME-LAB-2N6299SMD Datasheet
33Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5871 NJSEMI-2N5871 Datasheet
253Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N5879 NJSEMI-2N5879 Datasheet
171Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP3055G ONSEMI-TIP3055G Datasheet
114Kb / 6P
Complementary Silicon Power Transistors
May, 2012 ??Rev. 7
logo
Central Semiconductor C...
2N3055 CENTRAL-2N3055_15 Datasheet
493Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N4231A CENTRAL-2N4231A_15 Datasheet
344Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
TIP35 CENTRAL-TIP35_15 Datasheet
445Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H Datasheet
102Kb / 5P
Complementary Silicon Power Transistors
November, 2014 ??Rev. 13
logo
New Jersey Semi-Conduct...
D44H NJSEMI-D44H Datasheet
91Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com