Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR41228-AG6-R Datasheet (PDF) - Unisonic Technologies

LR41228-AG6-R Datasheet PDF - Unisonic Technologies
Part # LR41228-AG6-R
Download  LR41228-AG6-R Download
File Size   180.0 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description Dual竊똋ow-Noise竊?00mA LDO REGULATOR

LR41228-AG6-R Datasheet (PDF)

Go To PDF Page Download Datasheet
LR41228-AG6-R Datasheet PDF - Unisonic Technologies

Part # LR41228-AG6-R
Download  LR41228-AG6-R Click to download

File Size   180.0 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description Dual竊똋ow-Noise竊?00mA LDO REGULATOR

LR41228-AG6-R Datasheet (HTML) - Unisonic Technologies




Similar Part No. - LR41228-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR41218G-AG6-R UTC-LR41218G-AG6-R Datasheet
178Kb / 7P
Dual Low-Noise 200mA LDO REGULATOR
More results


Similar Description - LR41228-AG6-R

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
LR4XXYY ETL-LR4XXYY Datasheet
180Kb / 7P
Dual竊똋ow-Noise竊?00mA LDO REGULATOR
logo
National Instruments Co...
PCFMB150E6 NI-PCFMB150E6_15 Datasheet
283Kb / 4P
竊묕폊竊?竊∽펽竊뽳폁竊먲섬
PCFMB300E6 NI-PCFMB300E6_15 Datasheet
336Kb / 4P
竊볩폁竊먲샥竊뚳폋竊먲폁竊
PCHMB75B12 NI-PCHMB75B12_15 Datasheet
207Kb / 3P
竊쀯폊 竊∽펽竊묕폃竊먲폁竊
PCHMB75B12A NI-PCHMB75B12A_15 Datasheet
207Kb / 3P
竊쀯폊 竊∽펽竊묕폃竊먲폁竊
PCHMB100B12 NI-PCHMB100B12_15 Datasheet
201Kb / 3P
竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCHMB100B12A NI-PCHMB100B12A_15 Datasheet
201Kb / 3P
竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCHMB100E6 NI-PCHMB100E6_15 Datasheet
259Kb / 4P
竊묕폁竊먲샥竊뚳폋竊먲폁竊
PCHMB150B12 NI-PCHMB150B12_15 Datasheet
202Kb / 3P
竊묕폊竊?竊∽펽竊묕폃竊먲폁竊
logo
SHANGHAI BELLING CO., L...
BL9103 BELLING-BL9103 Datasheet
297Kb / 6P
250mA竊똋ow Power Consumption LDO
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com