Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR41228-AG6-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LR41228-AG6-R
Description  Dual竊똋ow-Noise竊?00mA LDO REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR41228-AG6-R Datasheet(HTML) 2 Page - Unisonic Technologies

  LR41228-AG6-R Datasheet HTML 1Page - Unisonic Technologies LR41228-AG6-R Datasheet HTML 2Page - Unisonic Technologies LR41228-AG6-R Datasheet HTML 3Page - Unisonic Technologies LR41228-AG6-R Datasheet HTML 4Page - Unisonic Technologies LR41228-AG6-R Datasheet HTML 5Page - Unisonic Technologies LR41228-AG6-R Datasheet HTML 6Page - Unisonic Technologies LR41228-AG6-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LR4XXYY
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R502-A39.a
MARKING INFORMATIONS
PACKAGE
Code
VOLTAGE CODE
MARKING
XX
YY
SOT-26
A
28: 2.8V
28: 2.8V
B
30: 3.0V
30: 3.0V
C
12: 1.2V
18: 1.8V
D
18: 1.8V
28: 2.8V
E
18: 1.8V
33: 3.3V
F
33: 3.3V
18: 1.8V
PIN CONFIGURATIONS
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
VOUT2
Channel 2’s voltage output
2
GND
Ground
3
EN2
Channel 2’s output enable control Pin
4
EN1
Channel 1’s output enable control Pin
5
VIN
Voltage Input pin
6
VOUT1
Channel 1’s voltage output



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com