Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEM8958 Datasheet (PDF) - Chino-Excel Technology

CEM8958 Datasheet PDF - Chino-Excel Technology
Part # CEM8958
Download  CEM8958 Download
File Size   835.36 Kbytes
Page   9 Pages
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology
Description Dual Enhancement Mode Field Effect Transistor(N and P Channel)

CEM8958 Datasheet (PDF)

Go To PDF Page Download Datasheet
CEM8958 Datasheet PDF - Chino-Excel Technology

Part # CEM8958
Download  CEM8958 Click to download

File Size   835.36 Kbytes
Page   9 Pages
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology
Description Dual Enhancement Mode Field Effect Transistor(N and P Channel)

CEM8958 Datasheet (HTML) - Chino-Excel Technology


CEM8958 Product details

FEATURES
● 30V, 5.3A,  RDS(ON) = 35m Ω @ VGS = 10V.
                      RDS(ON) = 50m Ω @ VGS = 4.5V.
 -30V, -4.0A,  RDS(ON) = 65m Ω @ VGS = -10V.
                      RDS(ON) = 100m Ω @ VGS = -4.5V.
● Super high dense cell design for extremely low RDS(ON).
● High power and current handing capability.
● Surface Mount Package




Similar Part No. - CEM8958

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
CEM8958 DOINGTER-CEM8958 Datasheet
2Mb / 8P
P-Chanel and N-Channel MOSFET use advanced trench technology
logo
TECH PUBLIC Electronics...
CEM8958-TP TECHPUBLIC-CEM8958-TP Datasheet
3Mb / 10P
N&P-Channel Complementary MOSFET
logo
Chino-Excel Technology
CEM8958A CET-CEM8958A Datasheet
427Kb / 7P
Dual Enhancement Mode Field Effect Transistor
logo
CET-MOS Technology Corp...
CEM8958A CET-MOS-CEM8958A Datasheet
834Kb / 7P
Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 5. 2018.Aug
CEM8958B CET-MOS-CEM8958B Datasheet
934Kb / 7P
Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2017.July
More results


Similar Description - CEM8958

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SI4532DY FAIRCHILD-SI4532DY Datasheet
327Kb / 4P
Dual N- and P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2030A CET-CEM2030A Datasheet
847Kb / 9P
Dual Enhancement Mode Field Effect Transistor(N and P Channel)
CEM11C2 CET-CEM11C2 Datasheet
59Kb / 9P
Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEM9952A CET-CEM9952A Datasheet
1Mb / 10P
Dual Enhancement Mode Field Effect Transistor(N and P Channel)
logo
SamHop Microelectronics...
STA6611 SAMHOP-STA6611 Datasheet
180Kb / 10P
Dual Enhancement Mode Field Effect Transistor ( N and P Channel)
STU313D SAMHOP-STU313D Datasheet
247Kb / 11P
Dual Enhancement Mode Field Effect Transistor (N and P Channel)
logo
Chino-Excel Technology
CEM7350 CET-CEM7350_08 Datasheet
547Kb / 7P
Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEU4269 CET-CEU4269_10 Datasheet
590Kb / 7P
Dual Enhancement Mode Field Effect Transistor (N and P Channel)
logo
CET-MOS Technology Corp...
CEM23189 CET-MOS-CEM23189 Datasheet
866Kb / 7P
Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2014.July
CEM6589 CET-MOS-CEM6589 Datasheet
894Kb / 7P
Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2017.July
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com