Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9033-20 Datasheet (PDF) - Aeroflex Circuit Technology

9033-20 Datasheet PDF - Aeroflex Circuit Technology
Part # 9033-20
Download  9033-20 Download
File Size   274.91 Kbytes
Page   1 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description ATTENUATORS BNC, DC - 4 GHz, 2Watts

9033-20 Datasheet (PDF)

Go To PDF Page Download Datasheet
9033-20 Datasheet PDF - Aeroflex Circuit Technology

Part # 9033-20
Download  9033-20 Click to download

File Size   274.91 Kbytes
Page   1 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description ATTENUATORS BNC, DC - 4 GHz, 2Watts

9033-20 Datasheet (HTML) - Aeroflex Circuit Technology




Similar Part No. - 9033-20

ManufacturerPart #DatasheetDescription
logo
Heyco.
9033-P HEYCO-9033-P Datasheet
152Kb / 2P
Snap Rivets
More results


Similar Description - 9033-20

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
AT-400 HIROSE-AT-400 Datasheet
85Kb / 3P
Fixed Attenuators (N,BNC,TNC)
AT-900 HIROSE-AT-900 Datasheet
81Kb / 3P
Stripline Mounting Fixed Attenuators (DC to 8 GHz)
logo
Pomona Electronics
72950 POMONA-72950 Datasheet
332Kb / 2P
DC - 4 GHz bandwidth.
72956 POMONA-72956 Datasheet
188Kb / 2P
DC - 4 GHz
logo
Pasternack Enterprises,...
PE6034 PASTERNACK-PE6034 Datasheet
206Kb / 1P
BNC MALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 4 GHz
PE8233 PASTERNACK-PE8233 Datasheet
205Kb / 3P
75 Ohm BNC DC Block Operating From 100 MHz to 4 GHz
logo
SUNMATE electronic Co.,...
2EZ3.6D5 SUNMATE-2EZ3.6D5 Datasheet
102Kb / 2P
2Watts Axial leaded Zener Diodes
logo
Pasternack Enterprises,...
PE8217 PASTERNACK-PE8217 Datasheet
241Kb / 3P
50 Ohm BNC DC Block Operating From 10 MHz to 4 GHz
PE8232 PASTERNACK-PE8232 Datasheet
231Kb / 3P
75 Ohm BNC DC Block Operating From 100 MHz to 4 GHz
logo
Anaren Microwave
10-50TV ANAREN-10-50TV Datasheet
275Kb / 2P
DC ??4 GHz
More results




About Aeroflex Circuit Technology


Aeroflex Circuit Technology is a division of Aeroflex Holding Corp, a leading provider of high-performance microelectronic components and subsystems.
Aeroflex Circuit Technology specializes in the design and manufacture of high-quality circuit boards and components for the aerospace and defense, medical, and industrial markets.
The company offers a wide range of products including printed circuit boards (PCBs), microelectronics assemblies, and complete systems.
Aeroflex Circuit Technology is known for its expertise in advanced circuit technology, high-reliability products, and superior customer service.
The company has facilities in various locations across the United States and Europe.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com