Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE8233 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE8233 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE8233
Download  PE8233 Download
File Size   205.79 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 75 Ohm BNC DC Block Operating From 100 MHz to 4 GHz

PE8233 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE8233 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE8233
Download  PE8233 Click to download

File Size   205.79 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 75 Ohm BNC DC Block Operating From 100 MHz to 4 GHz

PE8233 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE8233 Product details

Description
Pasternack’s PE8233 is an inner and outer DC block with BNC connectors. It has a blocking capacitor on the inner and outer conductor and operates from 100 MHz to 4 GHz. Our BNC DC block offers good insertion loss of 0.5 dB and has a maximum operating voltage of 200 Vdc. DC blocks are commonly used to filter out unwanted DC signals, while allowing AC drive signals to pass through. They can help improve signal to noise ratio (SNR), eliminate ground loops, or provide isolation in your test setup. All of Pasternack’s DC blocks are in stock and available to ship same-day.

Features
• Inner/Outer DC Block
• Operates from 100 MHz to 4 GHz
• Good Insertion Loss of 0.5 dB Max

Applications
• Test & Measurement
• Ground Loop Elimination
• Signal to Noise Ratio (SNR) Improvement




Similar Part No. - PE8233

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8231 PASTERNACK-PE8231 Datasheet
83Kb / 1P
75 OHM BNC MALE TO 75 OHM BNC FEMALE D,C BLOCK
PE8232 PASTERNACK-PE8232 Datasheet
231Kb / 3P
75 Ohm BNC DC Block Operating From 100 MHz to 4 GHz
PE8234 PASTERNACK-PE8234 Datasheet
205Kb / 3P
75 Ohm N DC Block Operating From 100 MHz to 4 GHz
PE8235 PASTERNACK-PE8235 Datasheet
232Kb / 3P
DC Block on Outer Conductor 75 Ohm N Male to N Female Operating From 100 MHz to 4 GHz
PE8236 PASTERNACK-PE8236 Datasheet
206Kb / 3P
DC Block on Inner and Outer Conductor 75 Ohm N Male to N Female Operating From 100 MHz to 4 GHz
More results


Similar Description - PE8233

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7007 PASTERNACK-PE7007 Datasheet
210Kb / 3P
75 Ohm BNC Male To 50 Ohm BNC Female Matching Pad Operating From DC to 2 GHz
PE8216 PASTERNACK-PE8216 Datasheet
193Kb / 3P
DC Block on Inner Conductor 50 Ohm BNC Male to BNC Female Operating From 10 MHz to 4 GHz
PE8234 PASTERNACK-PE8234 Datasheet
205Kb / 3P
75 Ohm N DC Block Operating From 100 MHz to 4 GHz
PE8237 PASTERNACK-PE8237 Datasheet
203Kb / 3P
50 Ohm 2.4mm DC Block Operating From 100 MHz to 50 GHz
PE8239 PASTERNACK-PE8239 Datasheet
203Kb / 3P
50 Ohm 2.4mm DC Block Operating From 100 MHz to 50 GHz
PE8217 PASTERNACK-PE8217 Datasheet
241Kb / 3P
50 Ohm BNC DC Block Operating From 10 MHz to 4 GHz
PE8232 PASTERNACK-PE8232 Datasheet
231Kb / 3P
75 Ohm BNC DC Block Operating From 100 MHz to 4 GHz
PE8235 PASTERNACK-PE8235 Datasheet
232Kb / 3P
DC Block on Outer Conductor 75 Ohm N Male to N Female Operating From 100 MHz to 4 GHz
PE8238 PASTERNACK-PE8238 Datasheet
229Kb / 3P
50 Ohm 2.4mm DC Block Operating From 100 MHz to 50 GHz
PE8241 PASTERNACK-PE8241 Datasheet
230Kb / 3P
75 Ohm F DC Block Operating From 10 MHz to 2 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com