Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE8236 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE8236 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE8236
Download  PE8236 Download
File Size   206.34 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description DC Block on Inner and Outer Conductor 75 Ohm N Male to N Female Operating From 100 MHz to 4 GHz

PE8236 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE8236 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE8236
Download  PE8236 Click to download

File Size   206.34 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description DC Block on Inner and Outer Conductor 75 Ohm N Male to N Female Operating From 100 MHz to 4 GHz

PE8236 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE8236 Product details

Configuration
   Design            Inner/Outer DC Block
   Body Style      Straight
   Impedance     75 Ohms
   Connector 1    N Male
   Connector 2    N Female




Similar Part No. - PE8236

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8231 PASTERNACK-PE8231 Datasheet
83Kb / 1P
75 OHM BNC MALE TO 75 OHM BNC FEMALE D,C BLOCK
PE8232 PASTERNACK-PE8232 Datasheet
231Kb / 3P
75 Ohm BNC DC Block Operating From 100 MHz to 4 GHz
PE8233 PASTERNACK-PE8233 Datasheet
205Kb / 3P
75 Ohm BNC DC Block Operating From 100 MHz to 4 GHz
PE8234 PASTERNACK-PE8234 Datasheet
205Kb / 3P
75 Ohm N DC Block Operating From 100 MHz to 4 GHz
PE8235 PASTERNACK-PE8235 Datasheet
232Kb / 3P
DC Block on Outer Conductor 75 Ohm N Male to N Female Operating From 100 MHz to 4 GHz
More results


Similar Description - PE8236

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8216 PASTERNACK-PE8216 Datasheet
193Kb / 3P
DC Block on Inner Conductor 50 Ohm BNC Male to BNC Female Operating From 10 MHz to 4 GHz
PE8218 PASTERNACK-PE8218 Datasheet
192Kb / 3P
DC Block on Inner and Outer Conductor 50 Ohm BNC Male to BNC Female Operating From 10 MHz to 4 GHz
PE8222 PASTERNACK-PE8222 Datasheet
181Kb / 3P
DC Block on Inner Conductor 50 Ohm 2.92mm Male to 2.92mm Female Operating From 10 MHz to 26.5 GHz
PE8225 PASTERNACK-PE8225 Datasheet
514Kb / 3P
DC Block on Inner Conductor 50 Ohm 2.92mm Male to 2.92mm Female Operating From 10 MHz to 40 GHz
PE8227 PASTERNACK-PE8227 Datasheet
179Kb / 3P
DC Block on Inner and Outer Conductor 50 Ohm 2.92mm Male to 2.92mm Female Operating From 10 MHz to 40 GHz
PE8234 PASTERNACK-PE8234 Datasheet
205Kb / 3P
75 Ohm N DC Block Operating From 100 MHz to 4 GHz
PE8240 PASTERNACK-PE8240 Datasheet
183Kb / 3P
DC Block on Inner Conductor 75 Ohm F Male to F Female Operating From 10 MHz to 2 GHz
PE8242 PASTERNACK-PE8242 Datasheet
181Kb / 3P
DC Block on Inner and Outer Conductor 75 Ohm F Male to F Female Operating From 10 MHz to 2 GHz
PE8214 PASTERNACK-PE8214 Datasheet
247Kb / 3P
DC Block on Outer Conductor 50 Ohm N Male to N Female Operating From 10 MHz to 18 GHz
PE8235 PASTERNACK-PE8235 Datasheet
232Kb / 3P
DC Block on Outer Conductor 75 Ohm N Male to N Female Operating From 100 MHz to 4 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com