Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE8231 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE8231 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE8231
Download  PE8231 Download
File Size   83.9 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 75 OHM BNC MALE TO 75 OHM BNC FEMALE D,C BLOCK

PE8231 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE8231 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE8231
Download  PE8231 Click to download

File Size   83.9 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 75 OHM BNC MALE TO 75 OHM BNC FEMALE D,C BLOCK

PE8231 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE8231 Product details

Description
Pasternack’s PE8231 is an inner DC block with BNC connectors. It has a blocking capacitor on the inner conductor and operates from 100 MHz to 4 GHz. Our BNC DC block offers good insertion loss of 0.5 dB and has a maximum operating voltage of 200 Vdc. DC blocks are commonly used to filter out unwanted DC signals, while allowing AC drive signals to pass through. They can help improve signal to noise ratio (SNR), eliminate ground loops, or provide isolation in your test setup. All of Pasternack’s DC blocks are in stock and available to ship same-day.

Features
• Inner DC Block
• Operates from 100 MHz to 4 GHz
• Good Insertion Loss of 0.5 dB Max

Applications
• Test & Measurement
• Ground Loop Elimination
• Signal to Noise Ratio (SNR) Improvement




Similar Part No. - PE8231

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8232 PASTERNACK-PE8232 Datasheet
231Kb / 3P
75 Ohm BNC DC Block Operating From 100 MHz to 4 GHz
PE8233 PASTERNACK-PE8233 Datasheet
205Kb / 3P
75 Ohm BNC DC Block Operating From 100 MHz to 4 GHz
PE8234 PASTERNACK-PE8234 Datasheet
205Kb / 3P
75 Ohm N DC Block Operating From 100 MHz to 4 GHz
PE8235 PASTERNACK-PE8235 Datasheet
232Kb / 3P
DC Block on Outer Conductor 75 Ohm N Male to N Female Operating From 100 MHz to 4 GHz
PE8236 PASTERNACK-PE8236 Datasheet
206Kb / 3P
DC Block on Inner and Outer Conductor 75 Ohm N Male to N Female Operating From 100 MHz to 4 GHz
More results


Similar Description - PE8231

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9741 PASTERNACK-PE9741 Datasheet
107Kb / 1P
75 OHM BNC MALE TO F FEMALE
PE9743 PASTERNACK-PE9743 Datasheet
106Kb / 1P
75 OHM BNC FEMALE TO F MALE
PE33417 PASTERNACK-PE33417 Datasheet
101Kb / 1P
CABLE ASSEMBLY RG6A/U 75 OHM BNC MALE TO 75 OHM BNC FEMALE BULKHEAD
PE33419 PASTERNACK-PE33419 Datasheet
101Kb / 1P
CABLE ASSEMBLY RG11A/U 75 OHM BNC MALE TO 75 OHM BNC FEMALE BULKHEAD
PE33423 PASTERNACK-PE33423 Datasheet
102Kb / 1P
CABLE ASSEMBLY RG216/U 75 OHM BNC MALE TO 75 OHM BNC FEMALE BULKHEAD
PE33423LF PASTERNACK-PE33423LF Datasheet
98Kb / 1P
CABLE ASSEMBLY RG216/U 75 OHM BNC MALE TO 75 OHM BNC FEMALE BULKHEAD
PE33447 PASTERNACK-PE33447 Datasheet
135Kb / 1P
CABLE ASSEMBLY RG216/U 75 OHM BNC MALE TO 75 OHM BNC FEMALE
PE33445 PASTERNACK-PE33445 Datasheet
270Kb / 1P
CABLE ASEMBLY RG187A/U 75 OHM BNC MALE TO 75 OHM BNC FEMALE
PE33439 PASTERNACK-PE33439 Datasheet
271Kb / 1P
CABLE ASSEMBLY RG11A/U 75 OHM BNC MALE TO 75 OHM BNC FEMALE
PE33188 PASTERNACK-PE33188 Datasheet
369Kb / 4P
75 Ohm BNC Male to 75 Ohm BNC Male Cable Using 75 Ohm RG59 Coax
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com