Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C02C Datasheet (PDF) - ATMEL Corporation

AT24C02C Datasheet PDF - ATMEL Corporation
Part # AT24C02C
Download  AT24C02C Download
File Size   960.39 Kbytes
Page   23 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description I2C-Compatible (2-wire) Serial EEPROM

AT24C02C Datasheet (PDF)

Go To PDF Page Download Datasheet
AT24C02C Datasheet PDF - ATMEL Corporation

Part # AT24C02C
Download  AT24C02C Click to download

File Size   960.39 Kbytes
Page   23 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description I2C-Compatible (2-wire) Serial EEPROM

AT24C02C Datasheet (HTML) - ATMEL Corporation


AT24C02C Product details

Description

The Atmel® AT24C01C/02C provides 1024/2048-bits of Serial Electrically Erasable and Programmable Read-Only Memory (EEPROM) organized as 128/256 words of eight bits each. Both devices include a cascading feature that allows up to eight devices to share a common 2-wire bus. These devices are optimized for use in many industrial and commercial applications where low power and low voltage operation are essential.



Features

Low-voltage operation

 VCC= 1.7V to 5.5V

Internally organized as 128 x 8 (1K) or 256 x 8 (2K)

I2C compatible (2-wire) serial interface

Schmitt Trigger, filtered inputs for noise suppression

Bidirectional data transfer protocol

400kHz (1.7V) and 1MHz (2.5V, 2.7V, 5.0V) compatibility

Write Protect pin for hardware data protection

8-byte Page Write mode

 Partial page writes allowed

Self-timed write cycle (5ms max)

High-reliability

 Endurance: 1,000,000 write cycles

 Data retention: 100 years

Green package options (Pb/Halide-free/RoHS-compliant)

    8-lead PDIP, 8-lead JEDEC SOIC, 8-lead TSSOP, 8-pad UDFN, 5-lead SOT23, and 8-ball VFBGA

Die sale options: wafer form and tape and reel available




Similar Part No. - AT24C02C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C02C ATMEL-AT24C02C Datasheet
1,008Kb / 23P
Two-wire Serial Electrically Erasable and Programmable Read-only Memory
logo
Microchip Technology
AT24C02C MICROCHIP-AT24C02C Datasheet
1Mb / 45P
I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
2018
logo
TECH PUBLIC Electronics...
AT24C02C TECHPUBLIC-AT24C02C Datasheet
3Mb / 14P
12C-Compatible Serial E2PROM
logo
ATMEL Corporation
AT24C02C-CUM-T ATMEL-AT24C02C-CUM-T Datasheet
1,008Kb / 23P
Two-wire Serial Electrically Erasable and Programmable Read-only Memory
logo
Microchip Technology
AT24C02C-CUM-T MICROCHIP-AT24C02C-CUM-T Datasheet
1Mb / 45P
I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
2018
More results


Similar Description - AT24C02C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24CS01 ATMEL-AT24CS01 Datasheet
844Kb / 23P
I2C-Compatible (2-wire) Serial EEPROM
AT24CS04 ATMEL-AT24CS04 Datasheet
844Kb / 24P
I2C-Compatible (2-wire) Serial EEPROM
AT24MAC402 ATMEL-AT24MAC402 Datasheet
1Mb / 28P
I2C-Compatible (2-wire) 2-Kbit Serial EEPROM
AT24C04C-PUM ATMEL-AT24C04C-PUM Datasheet
831Kb / 24P
I2C-Compatible, (2-wire) Serial EEPROM
AT24C08C-SSHM-B ATMEL-AT24C08C-SSHM-B Datasheet
831Kb / 24P
I2C-Compatible, (2-wire) Serial EEPROM
AT24C16C-PUM ATMEL-AT24C16C-PUM Datasheet
998Kb / 23P
I2C-Compatible, (2-Wire) Serial EEPROM
AT24C128C-SSHM-B ATMEL-AT24C128C-SSHM-B Datasheet
968Kb / 22P
I2C-Compatible (2-Wire) Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24CP02C ACE-ACE24CP02C Datasheet
503Kb / 12P
I2C-Compatible Serial EEPROM
VER 1.1
logo
ATMEL Corporation
AT24C512C ATMEL-AT24C512C Datasheet
928Kb / 23P
I2C-Compatible (2-wire) Serial EEPROM
AT24CM02 ATMEL-AT24CM02 Datasheet
1Mb / 24P
I2C-Compatible (2-wire) Serial EEPROM 2-Mbit (262,144 x 8)
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com