Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C02C Datasheet (PDF) - ATMEL Corporation

AT24C02C Datasheet PDF - ATMEL Corporation
Part # AT24C02C
Download  AT24C02C Download
File Size   1008.97 Kbytes
Page   23 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Two-wire Serial Electrically Erasable and Programmable Read-only Memory

AT24C02C Datasheet (PDF)

Go To PDF Page Download Datasheet
AT24C02C Datasheet PDF - ATMEL Corporation

Part # AT24C02C
Download  AT24C02C Click to download

File Size   1008.97 Kbytes
Page   23 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Two-wire Serial Electrically Erasable and Programmable Read-only Memory

AT24C02C Datasheet (HTML) - ATMEL Corporation


AT24C02C Product details

Description
The Atmel® AT24C02C provides 2048-bits of serial electrically erasable and programmable read-only memory (EEPROM) organized as 256-words of 8-bits each. The device is optimized for use in many industrial and commercial applications where low power and low-voltage operation are essential. The AT24C02C is available in space saving 8-lead PDIP, 8-lead TSSOP, 8-lead JEDEC SOIC, 8-lead UDFN, 5-lead SOT23 and 8-ball VFBGA packages and is accessed via a two-wire serial interface.

Features
• Low-voltage and Standard-voltage Operation
    – VCC = 1.7V to 5.5V
• Internally Organized 256 x 8 (2K)
• Two-wire Serial Interface
• Schmitt Trigger, Filtered Inputs for Noise Suppression
• Bidirectional Data Transfer Protocol
• 1MHz (5V), 400kHz (1.7V, 2.5V, 2.7V) Compatibility
• Write Protect Pin for Hardware Data Protection
• 8-byte Page (2K) Write Modes
• Partial Page Writes Allowed
• Self-timed Write Cycle (5ms max)
• High-reliability
    – Endurance: 1 Million Write Cycles
    – Data Retention: 100 Years
• Green (Pb/Halide-free/RoHS Compliant) Package Options
• Die Sales: Wafer Form and Tape and Reel




Similar Part No. - AT24C02C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C02C ATMEL-AT24C02C Datasheet
960Kb / 23P
I2C-Compatible (2-wire) Serial EEPROM
logo
Microchip Technology
AT24C02C MICROCHIP-AT24C02C Datasheet
1Mb / 45P
I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
2018
logo
TECH PUBLIC Electronics...
AT24C02C TECHPUBLIC-AT24C02C Datasheet
3Mb / 14P
12C-Compatible Serial E2PROM
logo
Microchip Technology
AT24C02C-CUM-T MICROCHIP-AT24C02C-CUM-T Datasheet
1Mb / 45P
I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
2018
AT24C02C-MAHM-E MICROCHIP-AT24C02C-MAHM-E Datasheet
1Mb / 45P
I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
2018
More results


Similar Description - AT24C02C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
Electrically Erasable and Programmable Read Only Memory
logo
ATMEL Corporation
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
serial electrically erasable and programmable read-only memory
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
serial electrically-erasable programmable read only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
serial electrically-erasable programmable read-only memory
AT24C64D-SSHM-T ATMEL-AT24C64D-SSHM-T Datasheet
1Mb / 26P
2-Wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
Two-wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C16C-SSHM-B ATMEL-AT24C16C-SSHM-B Datasheet
2Mb / 24P
Two-wire Serial Electrically Erasable and Programmable Read-only Memory
AD621ARZ ATMEL-AD621ARZ Datasheet
1Mb / 21P
Three-wire Serial Electrically Erasable Programmable Read-only Memory
AT24C64D-XHM-T ATMEL-AT24C64D-XHM-T Datasheet
1Mb / 27P
2-Wire Serial Electrically Erasable and Programmable Read-only Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com