Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9001F Datasheet (PDF) - Rohm

BD9001F Datasheet PDF - Rohm
Part # BD9001F
Download  BD9001F Download
File Size   807.21 Kbytes
Page   19 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Flexible Step-down Switching Regulators with Built-in Power MOSFET

BD9001F Datasheet (PDF)

Go To PDF Page Download Datasheet
BD9001F Datasheet PDF - Rohm

Part # BD9001F
Download  BD9001F Click to download

File Size   807.21 Kbytes
Page   19 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Flexible Step-down Switching Regulators with Built-in Power MOSFET

BD9001F Datasheet (HTML) - Rohm


BD9001F Product details

Overview

The flexible step-down switching regulator controller is a switching regulator controller designed with a high-withstand-voltage built-in POWER MOS FET, providing a free setting function of operating frequency with external resistor. This switching regulator controller features a wide input voltage range (7 V to 35 V or 7 V to 48 V) and operating temperature range (-40˚C to +125˚C or

-40˚C to +95˚C). Furthermore, an external synchronization input pin (BD9781HFP) enables synchronous operation with external clock.





Features

1) Minimal external components

2) Wide input voltage range: 7 V to 35 V (BD9778F/HFP and BD9781HFP), 7 V to 48 V (BD9001F)

3) Built-in P-ch POWER MOS FET

4) Output voltage setting enabled with external resistor: 1 to VIN

5) Reference voltage accuracy: ±2%

6) Wide operating temperature range: -40˚C to +125˚C (BD9778F/HFP and BD9781HFP),

                                                  -40˚C to +95˚C (BD9001F)

8) Low dropout: 100% ON Duty cycle

9) Standby mode supply current: 0 µA (Typ.) (BD9778F/HFP and BD9781HFP), 4 µA (Typ.) (BD9001F)

10) Oscillation frequency variable with external resistor: 50 to 300 kHz (BD9001F), 50 to 500 kHz (BD9778F/HFP and BD9781HFP)

11)External synchronization enabled (only on the BD9781HFP)

12)Soft start function : soft start time fixed to 5 ms (Typ.))

13)Built-in overcurrent protection circuit

14)Built-in thermal shutdown protection circuit

15)High power HRP7 package mounted (BD9778HFP and BD9781HFP)

         Compact SOP8 package mounted (BD9778F and BD9001F)




Similar Part No. - BD9001F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9001F ROHM-BD9001F Datasheet
269Kb / 6P
Flexible Step-Down Switching Regulator
BD9001F ROHM-BD9001F Datasheet
676Kb / 17P
Flexible Step-down Switching Regulators with Built-in Power MOSFET
More results


Similar Description - BD9001F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9006F ROHM-BD9006F Datasheet
491Kb / 18P
Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9778F ROHM-BD9778F_10 Datasheet
676Kb / 17P
Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9876EFJ ROHM-BD9876EFJ Datasheet
621Kb / 17P
Flexible Step-down Switching Regulator with Built-in Power MOSFET
BU90002GWZ ROHM-BU90002GWZ Datasheet
659Kb / 24P
Step-down Switching regulators with Built-in Power MOSFET
BD9778F-E2 ROHM-BD9778F-E2 Datasheet
676Kb / 19P
Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9673AEFJ ROHM-BD9673AEFJ Datasheet
2Mb / 23P
Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9876AEFJ ROHM-BD9876AEFJ Datasheet
2Mb / 24P
Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9007HFP-TR ROHM-BD9007HFP-TR Datasheet
855Kb / 21P
Flexible Step-down Switching Regulators with Built-in Power MOSFET
BU9000XGWZ ROHM-BU9000XGWZ Datasheet
1Mb / 32P
Step-down Switching regulators with Built-in Power MOSFET
BU90023NUX ROHM-BU90023NUX Datasheet
651Kb / 14P
Step-down Switching regulators with Built-in Power MOSFET
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com