Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9001F Datasheet(PDF) 7 Page - Rohm

Part # BD9001F
Description  Flexible Step-down Switching Regulators with Built-in Power MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9001F Datasheet(HTML) 7 Page - Rohm

Back Button BD9001F Datasheet HTML 3Page - Rohm BD9001F Datasheet HTML 4Page - Rohm BD9001F Datasheet HTML 5Page - Rohm BD9001F Datasheet HTML 6Page - Rohm BD9001F Datasheet HTML 7Page - Rohm BD9001F Datasheet HTML 8Page - Rohm BD9001F Datasheet HTML 9Page - Rohm BD9001F Datasheet HTML 10Page - Rohm BD9001F Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7/16
Technical Note
Description of operations
ERROR AMP
The ERROR AMP block is an error amplifier used to input the reference voltage (1 V typ.) and the INV pin voltage. The output
FB pin controls the switching duty and output voltage Vo. These INV and FB pins are externally mounted to facilitate phase
compensation. Inserting a capacitor and resistor between these pins enables adjustment of phase margin. (Refer to
recommended examples on page 11.)
SOF T START
The SOFT START block provides a function to prevent the overshoot of the output voltage Vo through gradually increasing
the normal rotation input of the error amplifier when power supply turns ON to gradually increase the switching Duty. The soft
start time is set to 5 msec (Typ.).
ON/OFF(BD9778F/HF P,BD9781HFP)
Setting the EN pin to 0.8 V or less makes it possible to shut down the circuit. Standby current is set to 0 µA (Typ.).
Furthermore, on the BD9781HFP, applying a pulse having a frequency higher than set oscillation frequency to the EN/SYNC
pin allows for external synchronization (up to +50% of the set frequency).
PWM COM PARATOR
The PWM COMPARATOR block is a comparator to make comparison between the FB pin and internal triangular wave and
output a switching pulse.
The switching pulse duty varies with the FB value and can be set in the range of 0 to 100%.
OSC(Oscillator)
The OSC block is a circuit to generate a triangular wave that is to be input in the PWM comparator. Connecting a resistor to
the RT pin enables setting of oscillation frequency.
TSD(Thermal Shut Down)
In order to prevent thermal destruction/thermal runaway of this IC, the TSD block will turn OFF the output when the chip
temperature reaches approximately 150˚C or more. When the chip temperature falls to a specified level, the output will be
reset. However, since the TSD is designed to protect the IC, the chip junction temperature should be provided with the thermal
shutdown detection temperature of less than approximately 150˚C.
CURREN T LIMIT
While the output POWER P-ch MOS FET is ON, if the voltage between drain and source (ON resistance ¥ load current)
exceeds the reference voltage internally set with the IC, this block will turn OFF the output to latch. The overcurrent protection
detection values have been set as shown below:
BD9781HFP . . . 8A(Typ.)
BD9001F,BD9778F/HFP . . . 4A(Typ.)
Furthermore, since this overcurrent protection is an automatically reset, after the output is turned OFF and latched, the latch will
be reset with the RESET signal output by each oscillation frequency.
However, this protection circuit is only effective in preventing destruction from sudden accident. It does not support for the
continuous operation of the protection circuit (e.g. if a load, which significantly exceeds the output current capacitance, is
normally connected). Furthermore, since the overcurrent protection detection value has negative temperature characteristics,
consider thermal design.
2010.02 -
Rev. B
www.rohm.com
© 2010 ROHM Co., Ltd. All rights reserved.
BD9778F, BD9778HFP, BD9001F, BD9781HFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com