Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS452 Datasheet (PDF) - Cherry Semiconductor Corporation

CS452 Datasheet PDF - Cherry Semiconductor Corporation
Part # CS452
Download  CS452 Download
File Size   156.19 Kbytes
Page   5 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description 2.4A/4.4A Injector Solenoid Driver

CS452 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS452 Datasheet PDF - Cherry Semiconductor Corporation

Part # CS452
Download  CS452 Click to download

File Size   156.19 Kbytes
Page   5 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description 2.4A/4.4A Injector Solenoid Driver

CS452 Datasheet (HTML) - Cherry Semiconductor Corporation


CS452 Product details

Description
The CS452/453 is a monolithic integrated circuit designed for medium current solenoid driver applications. Its typical function is to supply full battery voltage to fuel injector(s) for rapid current rise, in order to produce positive injector opening.
When load current reaches a preset level (2.4A for CS452, or 4.4A for CS453), the injector driver reduces the load current by a 4:1 ratio and operates as a constant current source. This condition holds the injector open and reduces system power dissipation.
Other solenoid or relay applications can be equally well served by the CS452/453. Two high impedance inputs are provided which permit a variety of control options and can be driven by TTL or CMOS logic.

Features
■ Microprocessor Compatible Inputs
■ On-Chip Power Device
   2.4A Peak, Typical CS-452
   4.4A Peak, Typical CS453
■ Low Thermal Resistance To Grounded Tab
■ 60V Peak Transient Voltage
■ Low Saturation Voltage
■ Operates Over a 4.5V to 24V Battery Range




Similar Part No. - CS452

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS452 ONSEMI-CS452 Datasheet
73Kb / 8P
2.4A/4.4A Injector Solenoid Driver
December, 2001 - Rev. 2
logo
SAMWHA ELECTRIC
CS4520C0G050D302NRE SAMWHA-CS4520C0G050D302NRE Datasheet
280Kb / 1P
Mulitlayer Ceramic Capacitor
CS4520C0G080D302NRE SAMWHA-CS4520C0G080D302NRE Datasheet
280Kb / 1P
Mulitlayer Ceramic Capacitor
CS4520C0G0R2D101NRE SAMWHA-CS4520C0G0R2D101NRE Datasheet
278Kb / 1P
Mulitlayer Ceramic Capacitor
CS4520C0G100J302NRE SAMWHA-CS4520C0G100J302NRE Datasheet
281Kb / 1P
Mulitlayer Ceramic Capacitor
More results


Similar Description - CS452

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33812 FREESCALE-33812_10 Datasheet
510Kb / 25P
Multifunctional Ignition and Injector Driver
logo
Infineon Technologies A...
TLE6270R INFINEON-TLE6270R Datasheet
667Kb / 35P
Quad Low Side Injector Driver
V1.3, December 2008
logo
ON Semiconductor
CS452 ONSEMI-CS452 Datasheet
73Kb / 8P
2.4A/4.4A Injector Solenoid Driver
December, 2001 - Rev. 2
logo
Pepperl+Fuchs Inc.
HIC2877 PF-HIC2877 Datasheet
729Kb / 5P
Solenoid Driver
KCD0-SD-EX1.1245 PF-KCD0-SD-EX1.1245 Datasheet
898Kb / 4P
Solenoid Driver
KCD2-SLD-EX1.1045 PF-KCD2-SLD-EX1.1045 Datasheet
1Mb / 5P
Solenoid Driver
KCD2-SLD-EX1.1065 PF-KCD2-SLD-EX1.1065 Datasheet
1Mb / 5P
Solenoid Driver
KFD2-SLD-EX1.13100 PF-KFD2-SLD-EX1.13100 Datasheet
1Mb / 6P
Solenoid Driver
2021-11-25
logo
NXP Semiconductors
MC33812 NXP-MC33812 Datasheet
677Kb / 28P
Multifunctional Ignition and Injector Driver
Rev. 6.0, 4/2016
logo
Pepperl+Fuchs Inc.
KFD2-VM-EX1.35.L PF-KFD2-VM-EX1.35.L Datasheet
1Mb / 4P
Solenoid Driver
2021-11-25
More results




About Cherry Semiconductor Corporation


Cherry Semiconductor Corporation was a semiconductor company that was founded in 1953 and based in Massachusetts, USA. The company specialized in the design and manufacture of a variety of semiconductor products, including analog and mixed-signal integrated circuits (ICs), digital ICs, and power management ICs.

Cherry Semiconductor's products were used in a variety of applications, including telecommunications, automotive, and industrial control systems. The company was known for its high-quality and reliable products, and its technology was widely used by customers in a range of industries.

In 2000, Cherry Semiconductor was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions for the automotive, communications, computing, consumer, industrial, and medical industries. Today, many of Cherry Semiconductor's products are still used by customers in these industries, and the company's legacy of innovation and high-quality semiconductor products lives on through ON Semiconductor's product offerings.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com