Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS452 Datasheet (PDF) - ON Semiconductor

CS452 Datasheet PDF - ON Semiconductor
Part # CS452
Download  CS452 Download
File Size   73.7 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 2.4A/4.4A Injector Solenoid Driver

CS452 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS452 Datasheet PDF - ON Semiconductor

Part # CS452
Download  CS452 Click to download

File Size   73.7 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 2.4A/4.4A Injector Solenoid Driver

CS452 Datasheet (HTML) - ON Semiconductor


CS452 Product details

Description
The CS452/453 is a monolithic integrated circuit designed for medium current solenoid driver applications. Its typical function is to supply full battery voltage to fuel injector(s) for rapid current rise, in order to produce positive injector opening.

Features
■ Microprocessor Compatible Inputs
■ On-Chip Power Device
   2.4A Peak, Typical CS-452
   4.4A Peak, Typical CS453
■ Low Thermal Resistance To Grounded Tab
■ 60V Peak Transient Voltage
■ Low Saturation Voltage
■ Operates Over a 4.5V to 24V Battery Range




Similar Part No. - CS452

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS452 CHERRY-CS452 Datasheet
156Kb / 5P
2.4A/4.4A Injector Solenoid Driver
logo
SAMWHA ELECTRIC
CS4520C0G050D302NRE SAMWHA-CS4520C0G050D302NRE Datasheet
280Kb / 1P
Mulitlayer Ceramic Capacitor
CS4520C0G080D302NRE SAMWHA-CS4520C0G080D302NRE Datasheet
280Kb / 1P
Mulitlayer Ceramic Capacitor
CS4520C0G0R2D101NRE SAMWHA-CS4520C0G0R2D101NRE Datasheet
278Kb / 1P
Mulitlayer Ceramic Capacitor
CS4520C0G100J302NRE SAMWHA-CS4520C0G100J302NRE Datasheet
281Kb / 1P
Mulitlayer Ceramic Capacitor
More results


Similar Description - CS452

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS452 CHERRY-CS452 Datasheet
156Kb / 5P
2.4A/4.4A Injector Solenoid Driver
logo
Freescale Semiconductor...
33812 FREESCALE-33812_10 Datasheet
510Kb / 25P
Multifunctional Ignition and Injector Driver
logo
Infineon Technologies A...
TLE6270R INFINEON-TLE6270R Datasheet
667Kb / 35P
Quad Low Side Injector Driver
V1.3, December 2008
logo
Pepperl+Fuchs Inc.
HIC2877 PF-HIC2877 Datasheet
729Kb / 5P
Solenoid Driver
KCD0-SD-EX1.1245 PF-KCD0-SD-EX1.1245 Datasheet
898Kb / 4P
Solenoid Driver
KCD2-SLD-EX1.1045 PF-KCD2-SLD-EX1.1045 Datasheet
1Mb / 5P
Solenoid Driver
KCD2-SLD-EX1.1065 PF-KCD2-SLD-EX1.1065 Datasheet
1Mb / 5P
Solenoid Driver
KFD2-SLD-EX1.13100 PF-KFD2-SLD-EX1.13100 Datasheet
1Mb / 6P
Solenoid Driver
2021-11-25
logo
NXP Semiconductors
MC33812 NXP-MC33812 Datasheet
677Kb / 28P
Multifunctional Ignition and Injector Driver
Rev. 6.0, 4/2016
logo
Pepperl+Fuchs Inc.
KFD2-VM-EX1.35.L PF-KFD2-VM-EX1.35.L Datasheet
1Mb / 4P
Solenoid Driver
2021-11-25
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com