Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS452 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS452
Description  2.4A/4.4A Injector Solenoid Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS452 Datasheet(HTML) 2 Page - ON Semiconductor

  CS452 Datasheet HTML 1Page - ON Semiconductor CS452 Datasheet HTML 2Page - ON Semiconductor CS452 Datasheet HTML 3Page - ON Semiconductor CS452 Datasheet HTML 4Page - ON Semiconductor CS452 Datasheet HTML 5Page - ON Semiconductor CS452 Datasheet HTML 6Page - ON Semiconductor CS452 Datasheet HTML 7Page - ON Semiconductor CS452 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
PACKAGE LEAD #
LEAD SYMBOL
FUNCTION
Electrical Characteristics: VBAT= 12 VDC, TA = 25°C, test circuit of Test Circuit diagram, unless noted
CHARACTERISTIC
MIN
TYP
MAX
UNIT
CONTROL
Gnd
OUT
CS452/453
VCC
VIN
40 V/10 W
Zener
Injector
Load
I
1.2
2.0
mH
RL
300
Ω/2W
VBAT
High
S2
Low
S1
0-5.0 VDC
5 Vp-p
250Hz
Square
Wave
Test Circuit
Package Lead Description
Output Peak Current (Ipk)
CS452
1.7
2.4
2.9
A
CS453
3.6
4.4
5.2
A
Output Sustaining Current (Isus)
CS452
0.50
0.60
0.70
A
CS453
0.95
1.12
1.25
A
V(BR)CEO(sus) @ 1mA
42
50
V
Output Voltage in Saturated Mode
CS452 @ 1.5A
1.2
V
CS453 @ 3.0A
1.6
V
Internal Regulated Voltage
(@VCC, Test Circuit diagram)
6.9
V
Input “on” Threshold Voltage
1.4
2.0
V
Input “off” Threshold Voltage
0.7
1.3
V
Input “on” Current
@ VIN = 1.4VDC
35
µA
@ VIN = 5.0VDC
220
µA
CONTROL “on” Threshold Voltage
1.2
1.5
1.8
V
CONTROL Current
CONTROL = 0.8VDC
-5
-50
µA
CONTROL = 5.0VDC
1.0
µA
Input Turn On Delay (tl)
0.5
1.0
µs
Ipk sense to Isus delay (tp)60
µs
CONTROL Signal Delay (tt)15
µs
Input Turn Off from Saturated Mode Delay (ts)
1.0
µs
Input Turn Off from Sustain Mode Delay (td)
0.2
µs
Output Voltage Rise Time (tv)
0.4
µs
Output Current Fall Time (tf) 4.0A
0.6
1.0
µs
TO-220
1VIN
Switches the injector driver on and off.
2
CONTROL
Acts to disable OUT when high.
3
Gnd
Ground connection.
4
OUT
Output Drive current.
5VCC
Supply voltage to IC. VCC is connected to VBAT through a series
resistor (300
Ω typ.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com