Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS452 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS452
Description  2.4A/4.4A Injector Solenoid Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS452 Datasheet(HTML) 3 Page - ON Semiconductor

  CS452 Datasheet HTML 1Page - ON Semiconductor CS452 Datasheet HTML 2Page - ON Semiconductor CS452 Datasheet HTML 3Page - ON Semiconductor CS452 Datasheet HTML 4Page - ON Semiconductor CS452 Datasheet HTML 5Page - ON Semiconductor CS452 Datasheet HTML 6Page - ON Semiconductor CS452 Datasheet HTML 7Page - ON Semiconductor CS452 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Inductive actuators such as automotive electronic fuel
injectors, relays, solenoids and hammer drivers can be
powered more efficiently by providing a high current
drive until actuation (pull-in) occurs and then decreasing
the drive current to a level which will sustain actuation.
Pull-in and especially dropout times of the actuators are
also improved.
The fundamental output characteristic of the CS452/453
provides a low impedance saturated power switch until
the load current reaches a predetermined high-current
level and then changes to a current source of lower magni-
tude until the device is turned off. This output characteris-
tic allows the inductive load to control its actuation time
during turn-on while minimizing power and stored energy
during the sustain period, thereby promoting a fast turn-
off time.
Automotive injectors at present time come in two types.
The large throttle body injectors have an inductance of
about 2.0mH and an impedance of 1.2
Ω and require the
CS453 driver. The smaller type, popular worldwide, have
an inductance of 4.0mH and an impedance of 2.4
Ω and
needs about a 2.0A pulse for good results, which can be
met with the CS452. Some designs are planned which
employ two of the smaller types in parallel. The induc-
tance of the injectors are much larger at low current,
decreasing due to armature movement and core saturation
to the values above at rated current.
Operating frequencies range from 5.0Hz to 250Hz depend-
ing on the injector location and engine type. Duty cycle in
some designs reaches 80%.
Figure 1. Operating Waveforms (Max. Frequency 250Hz, CONTROL
Grounded)
Circuit Description
>1.4V
0
2.0
4.0ms
Input Signal
VIN
Ipk
Load
Current
Ipk
Output
Current
Ipk (SENSE)
Isus
VZ
VBAT
VBAT - (Isus RL)
VSAT
Output
Voltage
VZ Ipk
VZ Isus
Power
Dissipation
(VBAT - Isus RL) Isus
VSAT Ipk
ti
tp
td
Timing Diagrams
Input Voltage and Output Current vs. Time
4
5
0
IOUT
3
1
0
10
10
9
8
7
6
5
4
3
2
1
0
CS453
2
2.4
5
0
IOUT
1.8
0.6
0
10
10
9
8
7
6
5
4
3
2
1
0
CS452
1.2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com