Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS452 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS452
Description  2.4A/4.4A Injector Solenoid Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS452 Datasheet(HTML) 1 Page - ON Semiconductor

  CS452 Datasheet HTML 1Page - ON Semiconductor CS452 Datasheet HTML 2Page - ON Semiconductor CS452 Datasheet HTML 3Page - ON Semiconductor CS452 Datasheet HTML 4Page - ON Semiconductor CS452 Datasheet HTML 5Page - ON Semiconductor CS452 Datasheet HTML 6Page - ON Semiconductor CS452 Datasheet HTML 7Page - ON Semiconductor CS452 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Features
s
Microprocessor
Compatible Inputs
s
On-Chip Power Device
2.4A Peak, Typical CS-452
4.4A Peak, Typical CS453
s
Low Thermal Resistance
To Grounded Tab
s
60V Peak Transient
Voltage
s
Low Saturation Voltage
s
Operates Over a 4.5V to
24V Battery Range
Package Options
5 Lead TO-220
Tab (Gnd)
1
2.4A/4.4A Injector Solenoid Driver
CS452/453
Description
Typical Application Diagram
Absolute Maximum Ratings
1VIN
2 CONTROL
3 Gnd
4 OUT
5VCC
December, 2001 - Rev. 2
ON Semiconductor
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885–3600 Fax: (401)885–5786
N. American Technical Support: 800-282-9855
Web Site: www.cherry–semi.com
The CS452/453 is a monolithic inte-
grated circuit designed for medium
current solenoid driver applica-
tions. Its typical function is to sup-
ply full battery voltage to fuel injec-
tor(s) for rapid current rise, in order
to produce positive injector open-
ing.
When load current reaches a preset
level (2.4A for CS452, or 4.4A for
CS453), the injector driver reduces
the load current by a 4:1 ratio and
operates as a constant current
source. This condition holds the
injector open and reduces system
power dissipation.
Other solenoid or relay applications
can be equally well served by the
CS452/453. Two high impedance
inputs are provided which permit a
variety of control options and can
be driven by TTL or CMOS logic.
Power Supply Voltage (VCC) .........................................................................24V
VIN..........................................................................................................-6.0 to 24V
Control ..................................................................................................-6.0 to 24V
Peak Transient Voltage (46V Load Dump)..................................................60V
Internal Regulator Current.........................................................................50mA
Junction Temperature Range....................................................-40°C to +150°C
Operating Temperature Range (Tab Temperature) ..............-40°C to +125°C
Storage Temperature Range .....................................................-65°C to +150°C
Lead Temperature Soldering
Wave Solder (through hole styles only)...10 sec. max, 260°C peak
CS452/453
VBAT
4.5V to 24V
(60V Transient)
IOUT
Injector
40VZ (max)
OUT
VCC
300
Ω
Gnd
VIN
CONTROL
1k
Ω
19k
Ω
VIN


Similar Part No. - CS452

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS452 CHERRY-CS452 Datasheet
156Kb / 5P
2.4A/4.4A Injector Solenoid Driver
logo
SAMWHA ELECTRIC
CS4520C0G050D302NRE SAMWHA-CS4520C0G050D302NRE Datasheet
280Kb / 1P
Mulitlayer Ceramic Capacitor
CS4520C0G080D302NRE SAMWHA-CS4520C0G080D302NRE Datasheet
280Kb / 1P
Mulitlayer Ceramic Capacitor
CS4520C0G0R2D101NRE SAMWHA-CS4520C0G0R2D101NRE Datasheet
278Kb / 1P
Mulitlayer Ceramic Capacitor
CS4520C0G100J302NRE SAMWHA-CS4520C0G100J302NRE Datasheet
281Kb / 1P
Mulitlayer Ceramic Capacitor
More results

Similar Description - CS452

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS452 CHERRY-CS452 Datasheet
156Kb / 5P
2.4A/4.4A Injector Solenoid Driver
logo
Freescale Semiconductor...
33812 FREESCALE-33812_10 Datasheet
510Kb / 25P
Multifunctional Ignition and Injector Driver
logo
Infineon Technologies A...
TLE6270R INFINEON-TLE6270R Datasheet
667Kb / 35P
Quad Low Side Injector Driver
V1.3, December 2008
logo
Pepperl+Fuchs Inc.
HIC2877 PF-HIC2877 Datasheet
729Kb / 5P
Solenoid Driver
KCD0-SD-EX1.1245 PF-KCD0-SD-EX1.1245 Datasheet
898Kb / 4P
Solenoid Driver
KCD2-SLD-EX1.1045 PF-KCD2-SLD-EX1.1045 Datasheet
1Mb / 5P
Solenoid Driver
KCD2-SLD-EX1.1065 PF-KCD2-SLD-EX1.1065 Datasheet
1Mb / 5P
Solenoid Driver
KFD2-SLD-EX1.13100 PF-KFD2-SLD-EX1.13100 Datasheet
1Mb / 6P
Solenoid Driver
2021-11-25
logo
NXP Semiconductors
MC33812 NXP-MC33812 Datasheet
677Kb / 28P
Multifunctional Ignition and Injector Driver
Rev. 6.0, 4/2016
logo
Pepperl+Fuchs Inc.
KFD2-VM-EX1.35.L PF-KFD2-VM-EX1.35.L Datasheet
1Mb / 4P
Solenoid Driver
2021-11-25
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com