Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7N10Z Datasheet (PDF) - Unisonic Technologies

7N10Z Datasheet PDF - Unisonic Technologies
Part # 7N10Z
Download  7N10Z Download
File Size   219.08 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 7A, 100V N-CHANNEL POWER MOSFET

7N10Z Datasheet (PDF)

Go To PDF Page Download Datasheet
7N10Z Datasheet PDF - Unisonic Technologies

Part # 7N10Z
Download  7N10Z Click to download

File Size   219.08 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 7A, 100V N-CHANNEL POWER MOSFET

7N10Z Datasheet (HTML) - Unisonic Technologies




Similar Part No. - 7N10Z

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N10ZG-TN3-R UTC-7N10ZG-TN3-R Datasheet
243Kb / 6P
N-CHANNEL POWER MOSFET
7N10ZL-TN3-R UTC-7N10ZL-TN3-R Datasheet
243Kb / 6P
N-CHANNEL POWER MOSFET
7N10Z UTC-7N10Z_15 Datasheet
243Kb / 6P
N-CHANNEL POWER MOSFET
More results


Similar Description - 7N10Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP7NE10 STMICROELECTRONICS-STP7NE10 Datasheet
50Kb / 5P
N - CHANNEL 100V - 0.3 ohm - 7A - TO-220 STripFET POWER MOSFET
Oct-1999
STP7NE10L STMICROELECTRONICS-STP7NE10L Datasheet
50Kb / 5P
N - CHANNEL 100V - 0.3 ohm - 7A - TO-220 STripFET POWER MOSFET
Oct-1999
logo
Unisonic Technologies
7N10 UTC-7N10_12 Datasheet
224Kb / 6P
7A, 100V N-CHANNEL POWER MOSFET
7N40 UTC-7N40 Datasheet
175Kb / 4P
7A, 400V N-CHANNEL POWER MOSFET
7N50_1109 UTC-7N50_1109 Datasheet
180Kb / 6P
7A, 500V N-CHANNEL POWER MOSFET
7N65A UTC-7N65A Datasheet
283Kb / 7P
7A, 650V N-CHANNEL POWER MOSFET
7N70_1109 UTC-7N70_1109 Datasheet
387Kb / 7P
7A, 700V N-CHANNEL POWER MOSFET
7N80_1108 UTC-7N80_1108 Datasheet
187Kb / 6P
7A, 800V N-CHANNEL POWER MOSFET
7N90_1109 UTC-7N90_1109 Datasheet
185Kb / 6P
7A, 900V N-CHANNEL POWER MOSFET
logo
Rohm
RS3P070AT ROHM-RS3P070AT Datasheet
2Mb / 14P
Pch -100V -7A Power MOSFET
20221229 - Rev.002
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com