Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5N90 Datasheet (PDF) - Nell Semiconductor Co., Ltd

5N90 Datasheet PDF - Nell Semiconductor Co., Ltd
Part # 5N90
Download  5N90 Download
File Size   397.64 Kbytes
Page   8 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description N-Channel Power MOSFET

5N90 Datasheet (PDF)

Go To PDF Page Download Datasheet
5N90 Datasheet PDF - Nell Semiconductor Co., Ltd

Part # 5N90
Download  5N90 Click to download

File Size   397.64 Kbytes
Page   8 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description N-Channel Power MOSFET

5N90 Datasheet (HTML) - Nell Semiconductor Co., Ltd


5N90 Product details

DESCRIPTION
They are designed for use in applications such as switched mode power supplies, DC to DC converters, PWM motor controls, bridge circuits and general purpose switching applications.
The Nell 5N90 is a three-terminal silicon device with current conduction capability of 5A, fast switching speed, low on-state resistance, breakdown voltage rating of 900V, and max. threshold voltage of 5 volts.

FEATURES
● RDS(ON) = 2.80Ω @ VGS = 10V
● Ultra low gate charge(40nC max.)
● Low reverse transfer capacitance (CRSS = 13pF typical)
● Fast switching capability
● 100% avalanche energy specified
● Improved dv/dt capability
● 150°C operation temperature




Similar Part No. - 5N90

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N90 UTC-5N90 Datasheet
171Kb / 6P
5 Amps, 900 Volts N-CHANNEL POWER MOSFET
5N90 UTC-5N90 Datasheet
190Kb / 5P
5A, 900V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
5N90 ISC-5N90 Datasheet
68Kb / 2P
Fast Switching Speed
logo
Unisonic Technologies
5N90G-T2Q-T UTC-5N90G-T2Q-T Datasheet
279Kb / 7P
N-CHANNEL POWER MOSFET
5N90G-T3P-T UTC-5N90G-T3P-T Datasheet
190Kb / 5P
5A, 900V N-CHANNEL POWER MOSFET
More results


Similar Description - 5N90

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com