Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5N90 Datasheet (PDF) - Inchange Semiconductor Company Limited

5N90 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 5N90
Download  5N90 Download
File Size   68.01 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Fast Switching Speed

5N90 Datasheet (PDF)

Go To PDF Page Download Datasheet
5N90 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 5N90
Download  5N90 Click to download

File Size   68.01 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Fast Switching Speed

5N90 Datasheet (HTML) - Inchange Semiconductor Company Limited


5N90 Product details

• DESCRIPTION
• Drain Current ID= 5A@ TC=25℃
• Drain Source Voltage- : VDSS= 900V(Min)
• Fast Switching Speed

• APPLICATIONS
• General purpose power amplifier




Similar Part No. - 5N90

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N90 UTC-5N90 Datasheet
171Kb / 6P
5 Amps, 900 Volts N-CHANNEL POWER MOSFET
5N90 UTC-5N90 Datasheet
190Kb / 5P
5A, 900V N-CHANNEL POWER MOSFET
logo
Nell Semiconductor Co.,...
5N90 NELLSEMI-5N90 Datasheet
397Kb / 8P
N-Channel Power MOSFET
logo
Unisonic Technologies
5N90G-T2Q-T UTC-5N90G-T2Q-T Datasheet
279Kb / 7P
N-CHANNEL POWER MOSFET
5N90G-T3P-T UTC-5N90G-T3P-T Datasheet
190Kb / 5P
5A, 900V N-CHANNEL POWER MOSFET
More results


Similar Description - 5N90

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N3004W SURGE-1N3004W Datasheet
393Kb / 3P
fast switching speed
logo
SHENZHEN YONGERJIA INDU...
MMBD4448AQW WINNERJOIN-MMBD4448AQW Datasheet
133Kb / 2P
Fast Switching Speed
logo
Nanjing International G...
BAV19W DGNJDZ-BAV19W Datasheet
111Kb / 3P
Fast switching speed
BAV19WS DGNJDZ-BAV19WS Datasheet
100Kb / 3P
Fast switching speed
BAV23A DGNJDZ-BAV23A Datasheet
308Kb / 1P
Fast Switching Speed
BAV23S DGNJDZ-BAV23S Datasheet
541Kb / 2P
Fast switching speed
logo
Inchange Semiconductor ...
2SK310 ISC-2SK310 Datasheet
65Kb / 2P
Fast Switching Speed
2SK387 ISC-2SK387 Datasheet
67Kb / 2P
Fast Switching Speed
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com