Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF150 Datasheet (PDF) - Nell Semiconductor Co., Ltd

IRF150 Datasheet PDF - Nell Semiconductor Co., Ltd
Part # IRF150
Download  IRF150 Download
File Size   439.67 Kbytes
Page   7 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description N-Channel Power MOSFET

IRF150 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF150 Datasheet PDF - Nell Semiconductor Co., Ltd

Part # IRF150
Download  IRF150 Click to download

File Size   439.67 Kbytes
Page   7 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description N-Channel Power MOSFET

IRF150 Datasheet (HTML) - Nell Semiconductor Co., Ltd


IRF150 Product details

DESCRIPTION
They are designed for use in applications such as switched mode power supplies, DC to DC converters, motor control circuits, UPS and general purpose switching applications.
The Nell IRF150 is a three-terminal silicon device with current conduction capability of 42A, fast switching speed, low on-state resistance, breakdown voltage rating of 100V, and max. threshold voltage of 4 volts.

FEATURES
● RDS(ON) = 0.055Ω @ VGS = 10V
● Ultra low gate charge(110nC Max.)
● Low reverse transfer capacitance
   (CRSS = 230pF typical)
● Fast switching capability
● 100% avalanche energy specified
● Improved dv/dt capability
● 175°C operation temperature




Similar Part No. - IRF150

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF150 SAMSUNG-IRF150 Datasheet
210Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Seme LAB
IRF150 SEME-LAB-IRF150 Datasheet
22Kb / 2P
N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
IRF150 FAIRCHILD-IRF150 Datasheet
125Kb / 4P
N-Channel Power MOSFETs, 40 A, 60 V/100 V
logo
Intersil Corporation
IRF150 INTERSIL-IRF150 Datasheet
57Kb / 7P
40A, 100V, 0.055 Ohm, N-Channel Power MOSFET
March 1999
logo
International Rectifier
IRF150 IRF-IRF150 Datasheet
150Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.055ohm, Id= 38A)
More results


Similar Description - IRF150

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com