Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF450 Datasheet (PDF) - Nell Semiconductor Co., Ltd

IRF450 Datasheet PDF - Nell Semiconductor Co., Ltd
Part # IRF450
Download  IRF450 Download
File Size   434.5 Kbytes
Page   7 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description N-Channel Power MOSFET

IRF450 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF450 Datasheet PDF - Nell Semiconductor Co., Ltd

Part # IRF450
Download  IRF450 Click to download

File Size   434.5 Kbytes
Page   7 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description N-Channel Power MOSFET

IRF450 Datasheet (HTML) - Nell Semiconductor Co., Ltd


IRF450 Product details

DESCRIPTION
They are designed for use in applications such as switched mode power supplies, DC to DC converters, motor control, circuits UPS and general purpose switching applications.
The Nell IRF450 is a three-terminal silicon device with current conduction capability of 14A, fast switching speed, low on-state resistance, breakdown voltage rating of 500V, and max. threshold voltage of 4 volts.

FEATURES
● RDS(ON) = 0.40Ω @ VGS = 10V
● Ultra low gate charge(150nC Max.)
● Low reverse transfer capacitance
   (CRSS = 340pF typical)
● Fast switching capability
● 100% avalanche energy specified
● Improved dv/dt capability
● 150°C operation temperature




Similar Part No. - IRF450

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF450 SAMSUNG-IRF450 Datasheet
214Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
IRF450 FAIRCHILD-IRF450 Datasheet
56Kb / 7P
13A, 500V, 0.400 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
IRF450 INTERSIL-IRF450 Datasheet
56Kb / 7P
13A, 500V, 0.400 Ohm, N-Channel Power MOSFET
March 1999
logo
International Rectifier
IRF450 IRF-IRF450 Datasheet
144Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.400ohm, Id=12A)
More results


Similar Description - IRF450

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com