Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4227 Datasheet (PDF) - Cirrus Logic

CS4227 Datasheet PDF - Cirrus Logic
Part # CS4227
Download  CS4227 Download
File Size   731.02 Kbytes
Page   36 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Six Channel, 20-Bit Codec

CS4227 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS4227 Datasheet PDF - Cirrus Logic

Part # CS4227
Download  CS4227 Click to download

File Size   731.02 Kbytes
Page   36 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Six Channel, 20-Bit Codec

CS4227 Datasheet (HTML) - Cirrus Logic


CS4227 Product details

Description

The CS4227 is a single-chip codec providing stereo an alog-to-digital and six digital-to-analog converters using

delta-sigma conversion techniques. This +5 V device also contains volume controls that are independently selectable for each of the six D/A channels. Applications include Dolby® Pro-logic™, THX®, and Dolby Digital AC-3™ home theater systems, DSP based car audio systems, and other multi-channel applications.



Features

l Stereo 20-bit A/D Converters

l Six 20-bit D/A Converters

l 108 dB DAC Signal-to-Noise Ratio (EIAJ)

l Mono 20-bit A/D Converter

l Programmable Input Gain & Output Attenuation

l On-chip Anti-aliasing and Output Smoothing Filters

l De-emphasis for 32 kHz, 44.1 kHz, 48 kHz




Similar Part No. - CS4227

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4220 CIRRUS-CS4220 Datasheet
770Kb / 32P
24-Bit Stereo Audio Codec with 3V Interface
CS4220-KS CIRRUS-CS4220-KS Datasheet
770Kb / 32P
24-Bit Stereo Audio Codec with 3V Interface
CS4221 CIRRUS-CS4221 Datasheet
770Kb / 32P
24-Bit Stereo Audio Codec with 3V Interface
CS4221-KS CIRRUS-CS4221-KS Datasheet
770Kb / 32P
24-Bit Stereo Audio Codec with 3V Interface
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
20-Bit Stereo Audio Codec with Volume Control
More results


Similar Description - CS4227

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
20-Bit Stereo Audio Codec with Volume Control
logo
National Semiconductor ...
DS92LV1260 NSC-DS92LV1260 Datasheet
366Kb / 17P
Six Channel 10 Bit BLVDS Deserializer
logo
List of Unclassifed Man...
STAC9460 ETC1-STAC9460 Datasheet
210Kb / 21P
Two and Six-Channel, 24-Bit, 192 kHz Audio Codec
logo
Asahi Kasei Microsystem...
AK4665A AKM-AK4665A Datasheet
527Kb / 52P
20-Bit Stereo CODEC with MIC/HP-AMP
logo
Cirrus Logic
CS4222 CIRRUS-CS4222_02 Datasheet
616Kb / 29P
20-Bit Stereo Audio Codec with Volume Control
logo
Texas Instruments
DS92LV1260 TI1-DS92LV1260_14 Datasheet
714Kb / 21P
Six Channel 10 Bit BLVDS Deserializer
logo
Realtek Semiconductor C...
ALC650-VF REALTEK-ALC650-VF Datasheet
791Kb / 46P
SIX-CHANNEL AC??7 AUDIO CODEC
ALC655 REALTEK-ALC655 Datasheet
654Kb / 40P
SIX-CHANNEL AC??7 2.3 AUDIO CODEC
ALC658 REALTEK-ALC658 Datasheet
597Kb / 51P
SIX-CHANNEL AC??7 2.3 AUDIO CODEC
logo
SHENZHEN FUMAN ELECTRON...
74HC04D FUMAN-74HC04D Datasheet
159Kb / 8P
Six-bit inverter
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com