Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB4340 Datasheet (PDF) - Cirrus Logic

CDB4340 Datasheet PDF - Cirrus Logic
Part # CDB4340
Download  CDB4340 Download
File Size   835.19 Kbytes
Page   28 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 24-Bit, 96 kHz Stereo DAC for Audio?

CDB4340 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDB4340 Datasheet PDF - Cirrus Logic

Part # CDB4340
Download  CDB4340 Click to download

File Size   835.19 Kbytes
Page   28 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 24-Bit, 96 kHz Stereo DAC for Audio?

CDB4340 Datasheet (HTML) - Cirrus Logic


CDB4340 Product details

Description

The CS4340 is a complete stereo digital-to-analog system including digital interpolation, fourth-order delta-sigma digital-to-analog conversion, digital de-emphasis and switched capacitor analog filtering. The advantages of this

architecture include: ideal differential linearity, no distortion mechanisms due to resistor matching errors, no linearity drift over time and temperature and a high tolerance to clock jitter.



Features

! 101 dB Dynamic Range

! -91 dB THD+N

! +3.0 V or +5.0 V Power Supply

! Low Clock JitterSensitivity

! Filtered Line-level Outputs

! On-chip Digital De-emphasis for 32, 44.1 and 48 kHz

! 33 mW with 3V Supply

! Popguard® Technology for Control of Clicks and Pops

! Lead-free Packaging Available




Similar Part No. - CDB4340

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB4340 CIRRUS-CDB4340 Datasheet
766Kb / 25P
24-Bit, 96 kHz Stereo DAC for Audio
CDB4340A CIRRUS-CDB4340A Datasheet
628Kb / 20P
24-Bit, 192 kHz Stereo DAC for Audio?
CDB4340A CIRRUS-CDB4340A Datasheet
695Kb / 21P
24-Bit, 192 kHz Stereo DAC for Audio
More results


Similar Description - CDB4340

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1361TS PHILIPS-UDA1361TS Datasheet
97Kb / 20P
96 kHz sampling 24-bit stereo audio ADC
2001 Jan 17
logo
Texas Instruments
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
24-BIT 96 kHz STEREO AUDIO CODEC
logo
Cirrus Logic
CS4340A CIRRUS-CS4340A Datasheet
628Kb / 20P
24-Bit, 192 kHz Stereo DAC for Audio?
logo
Analog Devices
AD1871 AD-AD1871 Datasheet
1Mb / 28P
Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV.0
logo
Cirrus Logic
CS4340 CIRRUS-CS4340_05 Datasheet
766Kb / 25P
24-Bit, 96 kHz Stereo DAC for Audio
CS4340A CIRRUS-CS4340A_05 Datasheet
695Kb / 21P
24-Bit, 192 kHz Stereo DAC for Audio
logo
Texas Instruments
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
24-Bit 96 kHz Stereo Audio Codec
logo
Analog Devices
EVAL-AD1871EBZ AD-EVAL-AD1871EBZ Datasheet
1Mb / 28P
Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871YRSZ AD-AD1871YRSZ Datasheet
1Mb / 28P
Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
logo
Texas Instruments
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com