Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4811 Datasheet (PDF) - Cirrus Logic

CS4811 Datasheet PDF - Cirrus Logic
Part # CS4811
Download  CS4811 Download
File Size   354.61 Kbytes
Page   24 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Fixed Function Multi-Effects Audio Processor

CS4811 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS4811 Datasheet PDF - Cirrus Logic

Part # CS4811
Download  CS4811 Click to download

File Size   354.61 Kbytes
Page   24 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Fixed Function Multi-Effects Audio Processor

CS4811 Datasheet (HTML) - Cirrus Logic


CS4811 Product details

Description
The CS4811 is a complete audio effects processing system on a chip. This device integrates a proprietary 24-bit audio processing engine, large on-chip RAM memories, and a high performance 24-bit audio codec. A serial control port allows the device to boot firmware from a compact and low cost SPI or I2C serial EEPROM. Other features such as single +5 V operation simplify system design.

Features
lAudio Processor for embedded reverb/effects applications
  – Proprietary 24-bit Audio Processing Engine
  – On-chip RAM (No external RAM required)
  – On-chip 24-bit ∆ΣADC with 100 dB Dyn. Range
  – On-chip 24-bit ∆ΣDAC with 100 dB Dyn. Range
  – Automatically boots firmware from external serial EEPROM
lFirmware available for Guitar Effects or Mixer Effects applications
lSingle +5 V Supply
l100-pin Metric Quad Flat Pack (MQFP)




Similar Part No. - CS4811

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
CS4811 AMCC-CS4811 Datasheet
221Kb / 5P
Multi Protocol Termination for 2047 Channels
More results


Similar Description - CS4811

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5841C NPC-SM5841C Datasheet
460Kb / 16P
Audio Multi-function Digital Filter
SM5841D NPC-SM5841D Datasheet
601Kb / 21P
Audio Multi-function Digital Filter
logo
STMicroelectronics
TDA7432 STMICROELECTRONICS-TDA7432 Datasheet
87Kb / 10P
BASIC FUNCTION AUDIO PROCESSOR
TDA7433 STMICROELECTRONICS-TDA7433 Datasheet
65Kb / 10P
BASIC FUNCTION AUDIO PROCESSOR
Nov-1999
TDA7434 STMICROELECTRONICS-TDA7434 Datasheet
88Kb / 10P
BASIC FUNCTION AUDIO PROCESSOR
Aug-1996
logo
Cirrus Logic
CS4812 CIRRUS-CS4812 Datasheet
541Kb / 36P
Fixed Function Multi-Effects Audio Processor
logo
Texas Instruments
TAS3103 TI-TAS3103 Datasheet
949Kb / 146P
Digital Audio Processor With 3D Effects
logo
New Japan Radio
NJU26501 NJRC-NJU26501 Datasheet
271Kb / 27P
Multi-Function Digital Audio Decoder
logo
Texas Instruments
TAS3103A TI-TAS3103A Datasheet
1Mb / 152P
Digital Audio Processor With 3D Effects
TAS3103 TI1-TAS3103_12 Datasheet
1Mb / 150P
Digital Audio Processor With 3D Effects
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com