Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4811 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS4811
Description  Fixed Function Multi-Effects Audio Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4811 Datasheet(HTML) 1 Page - Cirrus Logic

  CS4811 Datasheet HTML 1Page - Cirrus Logic CS4811 Datasheet HTML 2Page - Cirrus Logic CS4811 Datasheet HTML 3Page - Cirrus Logic CS4811 Datasheet HTML 4Page - Cirrus Logic CS4811 Datasheet HTML 5Page - Cirrus Logic CS4811 Datasheet HTML 6Page - Cirrus Logic CS4811 Datasheet HTML 7Page - Cirrus Logic CS4811 Datasheet HTML 8Page - Cirrus Logic CS4811 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Advance Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 2000
(All Rights Reserved)
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
CS4811
Fixed Function Multi-Effects Audio Processor
Features
l Audio Processor for embedded
reverb/effects applications
– Proprietary 24-bit Audio Processing Engine
– On-chip RAM (No external RAM required)
– On-chip 24-bit
∆Σ ADC with 100 dB Dyn. Range
– On-chip 24-bit
∆Σ DAC with 100 dB Dyn. Range
– Automatically boots firmware from external
serial EEPROM
l Firmware available for Guitar Effects or Mixer
Effects applications
l Single +5 V Supply
l 100-pin Metric Quad Flat Pack (MQFP)
Description
The CS4811 is a complete audio effects processing
system on a chip. This device integrates a proprietary 24-
bit audio processing
engine, large
on-chip
RAM
memories, and a high performance 24-bit audio codec. A
serial control port allows the device to boot firmware from
a compact and low cost SPI or I2C serial EEPROM. Other
features such as single +5 V operation simplify system
design.
Firmware for the CS4811 is provided by Cirrus Logic.
There are two different firmware codes available; one for
guitar effects and one for audio mixers. The guitar effects
firmware provides a host of electric guitar effects includ-
ing spring reverb, delay, chorus, flange and tremolo.
The mixer effects firmware provides a suite of effects
such as digital reverb, delay and chorus which are suit-
able for use in audio mixers, karaoke and acoustic
instrument
amplifiers.
The
CDB4811GTR
and
CDB4811MXR evaluation boards allow easy evaluation
of the CS4811 device and the associated firmware.
ORDERING INFO
CS4811-KM
-10 to +70°C
100-pin MQFP
CDB4811GTR-01
Guitar Effects Evaluation Board
CDB4811MXR-01
Mixer Effects Evaluation Board
I
CMOUT
CMFILT+
CMFILT-
AIN+
AIN-
XTO
XTI
CLOCK
MANAGER
AOUT+
24-BIT AUDIO
VOLTAGE
REFERENCE
PIO3
PIO2
PIO1
PIO0
DIGITAL FILTER
DAC
SERIAL CONTROL PORT (SPI or I2C)
ADC
SPI/I2C
SCL/CCLK
SDA/CDOUT
AD1/CDIN
AD0/CS
RST
OVL
AOUT-
PROCESSING
ENGINE
RAM
SEP ‘00
DS486PP2


Similar Part No. - CS4811

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
CS4811 AMCC-CS4811 Datasheet
221Kb / 5P
Multi Protocol Termination for 2047 Channels
More results

Similar Description - CS4811

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5841C NPC-SM5841C Datasheet
460Kb / 16P
Audio Multi-function Digital Filter
SM5841D NPC-SM5841D Datasheet
601Kb / 21P
Audio Multi-function Digital Filter
logo
STMicroelectronics
TDA7432 STMICROELECTRONICS-TDA7432 Datasheet
87Kb / 10P
BASIC FUNCTION AUDIO PROCESSOR
TDA7433 STMICROELECTRONICS-TDA7433 Datasheet
65Kb / 10P
BASIC FUNCTION AUDIO PROCESSOR
Nov-1999
TDA7434 STMICROELECTRONICS-TDA7434 Datasheet
88Kb / 10P
BASIC FUNCTION AUDIO PROCESSOR
Aug-1996
logo
Cirrus Logic
CS4812 CIRRUS-CS4812 Datasheet
541Kb / 36P
Fixed Function Multi-Effects Audio Processor
logo
Texas Instruments
TAS3103 TI-TAS3103 Datasheet
949Kb / 146P
Digital Audio Processor With 3D Effects
logo
New Japan Radio
NJU26501 NJRC-NJU26501 Datasheet
271Kb / 27P
Multi-Function Digital Audio Decoder
logo
Texas Instruments
TAS3103A TI-TAS3103A Datasheet
1Mb / 152P
Digital Audio Processor With 3D Effects
TAS3103 TI1-TAS3103_12 Datasheet
1Mb / 150P
Digital Audio Processor With 3D Effects
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com