Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4811 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS4811
Description  Fixed Function Multi-Effects Audio Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4811 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS4811 Datasheet HTML 9Page - Cirrus Logic CS4811 Datasheet HTML 10Page - Cirrus Logic CS4811 Datasheet HTML 11Page - Cirrus Logic CS4811 Datasheet HTML 12Page - Cirrus Logic CS4811 Datasheet HTML 13Page - Cirrus Logic CS4811 Datasheet HTML 14Page - Cirrus Logic CS4811 Datasheet HTML 15Page - Cirrus Logic CS4811 Datasheet HTML 16Page - Cirrus Logic CS4811 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
CS4811
DS486PP2
13
3.3
Analog Outputs
3.3.1
Line Level Outputs
The CS4811 contains on-chip differential buffer
amplifiers that produce line level outputs AOUT+
and AOUT-, which are capable of driving 10 k
Ω
loads. These amplifiers are internally biased to the
CMOUT voltage of 2.3 V.
The recommended off-chip analog filter is a 2nd
order Butterworth with a -3 dB corner at Fs. A third
order Butterworth filter with a -3 dB corner at
0.75 Fs can be used if greater out of band noise fil-
tering is desired. These filters can be easily inte-
grated into a differential-to-single-ended converter
circuit as shown in the 2-pole and 3-pole Butter-
worth filters of Figure 7. Figure 8 shows the rec-
ommended mute circuit referenced in Figure 7.
Activating the mute circuit is recommended on
power-up and power-down to avoid the output of
undesirable audio signals.
3.4
Clock Generation
The master clock to operate the CS4811 may be gen-
erated by using the on-chip oscillator with an exter-
nal crystal or may be input from an external clock
source.
3.4.1
Clock Source
The CS4811 requires a 256 Fs master clock to run
the internal logic. The two possible clock sources
are the on-chip crystal oscillator or an external clock
input to the XTI pin.
The master clock may be generated directly from
the on-chip crystal oscillator circuit. When using
the on-chip crystal oscillator, external loading ca-
pacitors are required. (see Figure 3) High frequen-
cy crystals (>8 MHz) should be parallel resonant,
fundamental mode and designed for 20 pF loading.
(equivalent to 40 pF to ground on each leg)
The master clock may also be generated directly
from an external CMOS clock input to the XTI pin.
2-Pole Butterworth Filter
BUFFERED
CMOUT
_
+
Example
Op-Amps
are
MC33078
AOU T-
MUTE
Line
Out
14.0 k
Ω
14.0 k
Ω
AOUT+
3.24 k
Ω
3.24 k
Ω
1000 pF
1000 pF
14.0 k
Ω
220 pF
220 pF
14.0 k
Ω
GND
+5 V
BUFFERED
CMOUT
_
+
MUTE
Line
Out
AOUT+
AOU T-
220 pF
220 pF
2200 pF
2.8k
Ω
2.8k
Ω
2.8kΩ
2.8kΩ
11.0kΩ
11.0kΩ
14.0k
Ω
14.0k
Ω
2200 pF
2200 pF
2200 pF
GND
+5 V
3-Pole Butterworth Filter
Figure 7. Butterworth Output Filters
Line Out
VA
From
CS4811
PIO
MMBT3906
MMBT3904
MMBT3906
10 k
Ω
10 k
Ω
10 k
Ω
GND
3.3 k
Ω
10
µF
1 k
Ω
10
µF
+
Figure 8. Output Mute Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com