Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4811 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS4811
Description  Fixed Function Multi-Effects Audio Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4811 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS4811 Datasheet HTML 10Page - Cirrus Logic CS4811 Datasheet HTML 11Page - Cirrus Logic CS4811 Datasheet HTML 12Page - Cirrus Logic CS4811 Datasheet HTML 13Page - Cirrus Logic CS4811 Datasheet HTML 14Page - Cirrus Logic CS4811 Datasheet HTML 15Page - Cirrus Logic CS4811 Datasheet HTML 16Page - Cirrus Logic CS4811 Datasheet HTML 17Page - Cirrus Logic CS4811 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
CS4811
14
DS486PP2
3.5
Serial Control Port
The serial control port is used for self-booting from
an external EEPROM and supports both the SPI
bus and the I2C® bus interfaces. The desired inter-
face is selected via the SPI/I2C pin, which is sam-
pled during de-assertion of the RST pin.
3.5.1
SPI Bus
The SPI bus interface consists of 4 digital signals,
CCLK, CDIN, CDOUT and CS. CCLK, the control
port bit clock, is used to clock individual data bits.
CDIN, the control data input, is the serial data input
line to the CS4811. CDOUT, the control data output,
is the output data line from the CS4811. CS, the chip
select signal, is asserted to enable an external SPI
port. Data is clocked in on the rising edge of CCLK
and clocked out on the falling edge.
3.5.1.1
SPI Mode
The SPI master mode is designed for read-only op-
eration during self-booting from a serial EEPROM.
A typical self-boot sequence with a Xicor X25650 se-
rial EEPROM, or equivalent, is shown in Figure 9. On
exit from reset, the CS4811 asserts CS. The 8-bit read
instruction (00000011) is sent to the EEPROM fol-
lowed by a pre-defined 16-bit start address. The
CS4811 then automatically clocks out sequential
bytes from the EEPROM until the last byte has
been received. These bytes include initialization
and configuration data for the device along with the
application firmware code. After the last byte is re-
ceived, the CS4811 deasserts CS and begins program
execution. At this point, the serial control port be-
comes inactive and cannot be accessed.
3.5.2
I
2C Bus
The I2C bus interface implemented on the CS4811
consists of 2 digital signals, SCL and SDA. SCL or
serial clock, is used to clock individual data bits.
SDA or serial data, is a bidirectional data line. Two
additional pins, AD1 and AD0, are inputs which
determine the 2 lowest order bits of the 7-bit I2C
device address and should be tied to ground.
3.5.2.1
I2C Mode
The I2C master mode is designed for read-only op-
eration during self-booting from a serial EEPROM.
A typical self-boot sequence with a Microchip
X24256 serial EEPROM, or equivalent, is shown
in Figure 10. On exit from reset, the CS4811 sends
an initial write preamble to the EEPROM which
consists of a I2C start condition and the slave ad-
0
1
2
21 22 23 24
CS
CDOUT
READ
COMMAND
16-BIT
ADDRESS = 0X0000
CDIN
DATA
MSB
7
6
5
4
3
2
1 0
0
0
0
0
0 0 0
0
0
0
0
0
0
1 1
CLK
7
8
9 10 11
3
4
5
6
30 31
25 26 27 28 29
DATA + n
7
6
5
4
3
2
1 0
Figure 9. Control Port Timing, SPI Master Mode Self-Boot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com