Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4811 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS4811
Description  Fixed Function Multi-Effects Audio Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4811 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS4811 Datasheet HTML 12Page - Cirrus Logic CS4811 Datasheet HTML 13Page - Cirrus Logic CS4811 Datasheet HTML 14Page - Cirrus Logic CS4811 Datasheet HTML 15Page - Cirrus Logic CS4811 Datasheet HTML 16Page - Cirrus Logic CS4811 Datasheet HTML 17Page - Cirrus Logic CS4811 Datasheet HTML 18Page - Cirrus Logic CS4811 Datasheet HTML 19Page - Cirrus Logic CS4811 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
CS4811
16
DS486PP2
4. POWER SUPPLY AND GROUNDING
Proper layout and grounding is critical to obtaining
optimal audio performance in your system. The
most important rule to remember is to not allow
currents from digital circuitry to couple into sensi-
tive analog circuitry. This is generally done by us-
ing a separate or filtered power supply for the
analog circuitry, physically separating the analog
and digital components and traces in the pcb layout
and using wide traces or planes for ground and
power. One misplaced component or trace can se-
verely degrade overall system performance.
When using separate supplies, the analog and digi-
tal power should be connected via a ferrite bead,
positioned closer than 1" to the device (see
Figure 11). The CS4811 VA pin should be derived
from the quietest power source available. If only
one supply is available, use the suggested arrange-
ment in Figure 3.
A single solid ground plane is the simplest ground-
ing scheme that works well in many cases. In this
case, all analog and digital grounds shown in
Figure 3 are tied to the same ground plane. Howev-
er, if separate analog and digital grounds are used,
they should be tied together at one point with the
location of this point determined by the circuit lay-
out. By considering where the digital ground cur-
rents will return to their supply, the connection
point can be chosen to keep those currents from
flowing through sensitive analog circuit areas.
Decoupling capacitors should be placed as close as
possible to the device with the lowest value capac-
itor closest to the chip. Any power and ground con-
nection vias should be placed near their respective
component pins and should be attached directly to
the appropriate plane. If traces are used for the
power supplies to the CS4811, they should be as
wide as possible to maintain low impedance.
It is recommended to solder the CS4811 directly to
the printed circuit board. Soldering improves per-
formance and enhances reliability.
For an example layout, please refer to the
CDB4811 data sheet.
Digital
Power
Plane
Note that the CS4811
is oriented with its
digital pins towards the
digital end of the board.
Digital Interface
Analog Signals &
Components
Analog
Power
Plane
1/8"
>
CS4811
Ferrite
Bead
Figure 11. CS4811 Suggested Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com