Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4811 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS4811
Description  Fixed Function Multi-Effects Audio Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4811 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS4811 Datasheet HTML 16Page - Cirrus Logic CS4811 Datasheet HTML 17Page - Cirrus Logic CS4811 Datasheet HTML 18Page - Cirrus Logic CS4811 Datasheet HTML 19Page - Cirrus Logic CS4811 Datasheet HTML 20Page - Cirrus Logic CS4811 Datasheet HTML 21Page - Cirrus Logic CS4811 Datasheet HTML 22Page - Cirrus Logic CS4811 Datasheet HTML 23Page - Cirrus Logic CS4811 Datasheet HTML 24Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
CS4811
DS486PP2
21
6. PARAMETER DEFINITIONS
Dynamic Range
The ratio of the full scale RMS value of the signal to the RMS sum of all other spectral components
over the specified bandwidth. Dynamic range is a signal-to-noise measurement over the specified
bandwidth made with a -60 dbFs signal. 60 dB is then added to the resulting measurement to refer the
measurement to full scale. This technique ensures that the distortion components are below the noise
level and do not effect the measurement. This measurement technique has been accepted by the Audio
Engineering Society, AES17-1991, and the Electronic Industries Association of Japan, EIAJ CP-307.
Total Harmonic Distortion + Noise
The ratio of the RMS value of the signal to the RMS sum of all other spectral components over the
specified bandwidth (typically 20 Hz to 20 kHz), including distortion components. Expressed in decibels.
ADCs are measured at -1 dBFs as suggested in AES 17-1991 Annex A.
Idle Channel Noise / Signal-to-Noise-Ratio
The ratio of the RMS analog output level with 1 kHz full scale digital input to the RMS analog output
level with all zeros into the digital input. Measured A-weighted over a 10 Hz to 20 kHz bandwidth. Units
in decibels. This specification has been standardized by the Audio Engineering Society, AES17-1991,
and referred to as Idle Channel Noise. This specification has also been standardized by the Electronic
Industries Association of Japan, EIAJ CP-307, and referred to as Signal-to-Noise-Ratio.
Total Harmonic Distortion (THD)
THD is the ratio of the test signal amplitude to the RMS sum of all the in-band harmonics of the test
signal. Units in decibels.
Interchannel Isolation
A measure of crosstalk between channels. Measured for each channel at the converter’s output with no
signal to the input under test and a full-scale signal applied to the other channel. Units in decibels.
Frequency Response
A measure of the amplitude response variation from 20 Hz to 20 kHz relative to the amplitude response
at 1 kHz. Units in decibels.
Interchannel Gain Mismatch
For the ADCs, the difference in input voltage that generates the full scale code for each channel. For
the DACs, the difference in output voltages for each channel with a full scale digital input. Units are in
decibels.
Gain Error
The deviation from the nominal full scale output for a full scale input.
Gain Drift
The change in gain value with temperature. Units in ppm/°C.
Offset Error
For the ADCs, the deviation in LSB's of the output from mid-scale with the selected input grounded. For
the DAC's, the deviation of the output from zero (relative to CMOUT) with mid-scale input code. Units
are in volts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com