Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4811 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS4811
Description  Fixed Function Multi-Effects Audio Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4811 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS4811 Datasheet HTML 8Page - Cirrus Logic CS4811 Datasheet HTML 9Page - Cirrus Logic CS4811 Datasheet HTML 10Page - Cirrus Logic CS4811 Datasheet HTML 11Page - Cirrus Logic CS4811 Datasheet HTML 12Page - Cirrus Logic CS4811 Datasheet HTML 13Page - Cirrus Logic CS4811 Datasheet HTML 14Page - Cirrus Logic CS4811 Datasheet HTML 15Page - Cirrus Logic CS4811 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
CS4811
12
DS486PP2
3. FUNCTIONAL DESCRIPTION
3.1
Overview
The CS4811 is a complete audio subsystem on a
chip, integrating a proprietary 24-bit audio process-
ing engine with large on chip RAM memories and
a single channel 24-bit audio codec.
The delta-sigma ADC includes linear phase digital
anti-aliasing filters and only requires a single-pole
external passive filter.
The sigma-delta DAC includes a switched-capaci-
tor anti-image filter and requires an external 2nd or
3rd order active filter that can be easily integrated
into the output differential-to-single-ended con-
verter circuit.
The serial control port is designed to accommodate
I2C® or SPI interfaces for stand-alone operation
with an external non-volatile memory.
3.2
Analog Inputs
3.2.1
Line Level Inputs
AIN+ and AIN- are the differential line level ana-
log inputs (See Figure 3). These pins are internally
biased to the CMOUT voltage of 2.3 V. A DC
blocking capacitor placed in series with the input
pins allows signals centered around 0 V to be input
to the CS4811. Figure 3 shows operation with a
single-ended input source. This source may be sup-
plied to either the positive or negative input as long
as the unused input is connected to ground through
capacitors as shown. When operated with single-
ended inputs, distortion will increase at input levels
higher than -1 dB Full Scale. If better performance
is required, a single-ended-to-differential convert-
er, shown in Figure 6, may be used. This circuit
provides unity gain, DC blocking on the input and
anti-alias filtering.
The OVL output pin asserts when the analog input
is out-of-range.
3.2.2
Digital High Pass Filter
In DC coupled systems, a small DC offset may ex-
ist between the input circuitry and the A/D con-
verters. The CS4811 includes a high pass filter
after the decimator to remove these DC compo-
nents. The high pass filter response, given in High
Pass Filter Characteristics, scales linearly with
sample rate. Thus, the -3 dB frequency at a
44.1 kHz sample rate will be equal to 44.1/48 times
that at a sample rate of 48 kHz.
+
-
10 k
+
-
4.7 k
AIN -
10 µ F
+
AIN +
2.2 nf
150
150
10 k
10 k
input signal
+
(2 Vrms max)
+5 V
CMOUT
from
CS4811
+
-
0.1 µF
10 µf
GND
Buffered
CMOUT
Figure 6. Optional Line Input Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com