Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4811 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS4811
Description  Fixed Function Multi-Effects Audio Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4811 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS4811 Datasheet HTML 16Page - Cirrus Logic CS4811 Datasheet HTML 17Page - Cirrus Logic CS4811 Datasheet HTML 18Page - Cirrus Logic CS4811 Datasheet HTML 19Page - Cirrus Logic CS4811 Datasheet HTML 20Page - Cirrus Logic CS4811 Datasheet HTML 21Page - Cirrus Logic CS4811 Datasheet HTML 22Page - Cirrus Logic CS4811 Datasheet HTML 23Page - Cirrus Logic CS4811 Datasheet HTML 24Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
CS4811
20
DS486PP2
Miscellaneous
PIO0:3 - General Purpose Inputs/Outputs
Bidirectional: These pins are general-purpose digital I/O pins. The Default state is input.
The
functionality of these pins after boot-up is determined by the application firmware.
RST - Reset
Input: This pin causes the device to enter a low power mode and forces all control port and I/O registers
to be reset to their default values. The control port can not be accessed when reset is low.
NC - No Connect
Input: These pins are not internally connected and should be tied to ground for optimal performance.
RES-NC - Reserved, No Connect
These pins are reserved and must be left unconnected for normal operation.
RES-VD - Reserved, Connect to VD
These pins are reserved and must be tied to VD for normal operation.
RES-DGND - Reserved, Connect to DGND
These pins are reserved and must be tied to digital ground for normal operation.
RES-AGND - Reserved, Connect to AGND
These pins are reserved and must be tied to analog ground for normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com