Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF740 Datasheet (PDF) - Nell Semiconductor Co., Ltd

IRF740 Datasheet PDF - Nell Semiconductor Co., Ltd
Part # IRF740
Download  IRF740 Download
File Size   342.75 Kbytes
Page   7 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description N-Channel Power MOSFET

IRF740 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF740 Datasheet PDF - Nell Semiconductor Co., Ltd

Part # IRF740
Download  IRF740 Click to download

File Size   342.75 Kbytes
Page   7 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description N-Channel Power MOSFET

IRF740 Datasheet (HTML) - Nell Semiconductor Co., Ltd


IRF740 Product details

DESCRIPTION
The Nell IRF740 are N-Channel enhancement mode silicon gate power field effect transistors. They are designed, tested and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation.
They are designed as an extremely efficient and reliable device for use in a wide variety of applications such as switching regulators. convertors,UPS, switching mode power supplies and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These transistors can be operated directly from integrated circuits.

FEATURES
● RDS(ON) = 0.55Ω @ VGS = 10V
● Ultra low gate charge(63nC Max.)
● Low reverse transfer capacitance (CRSS = 120pF typical)
● Fast switching capability
● 100% avalanche energy specified
● Improved dv/dt capability
● 150°C operation temperature




Similar Part No. - IRF740

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF740 STMICROELECTRONICS-IRF740 Datasheet
93Kb / 8P
N - CHANNEL 400V - 0.48 ohm - 10 A - TO-220 PowerMESH] MOSFET
Oct-1998
logo
Fairchild Semiconductor
IRF740 FAIRCHILD-IRF740 Datasheet
154Kb / 5P
N-Channel Power MOSFETs, 10A, 350V/400V
IRF740 FAIRCHILD-IRF740 Datasheet
894Kb / 10P
400V N-Channel MOSFET
logo
Intersil Corporation
IRF740 INTERSIL-IRF740 Datasheet
56Kb / 7P
10A, 400V, 0.550 Ohm, N-Channel Power MOSFET
July 1999
logo
Vishay Siliconix
IRF740 VISHAY-IRF740 Datasheet
135Kb / 8P
Power MOSFET
16-Jun-08
More results


Similar Description - IRF740

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com