Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33N25 Datasheet (PDF) - Unisonic Technologies

33N25 Datasheet PDF - Unisonic Technologies
Part # 33N25
Download  33N25 Download
File Size   181.24 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 33A, 250V N-CHANNEL POWER MOSFET

33N25 Datasheet (PDF)

Go To PDF Page Download Datasheet
33N25 Datasheet PDF - Unisonic Technologies

Part # 33N25
Download  33N25 Click to download

File Size   181.24 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 33A, 250V N-CHANNEL POWER MOSFET

33N25 Datasheet (HTML) - Unisonic Technologies


33N25 Product details

■ DESCRIPTION
The UTC 33N25 is a N-channel mode power MOSFET using UTC’s advanced technology to provide customers with a minimum on-state resistance, low gate charge and high switching speed.
The UTC 33N25 is suitable for high voltage synchronous rectifier and DC/DC converters, etc.

■ FEATURES
* RDS(ON) < 80 mΩ @ VGS=10V,ID=33A
   RDS(ON) < 80 mΩ @ VGS=6.0V, ID=15A
* Low Gate Charge (Typical 18.5nC)
* High Switching Speed




Similar Part No. - 33N25

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
33N10 ISC-33N10 Datasheet
67Kb / 2P
Fast Switching
33N10 ISC-33N10 Datasheet
245Kb / 2P
isc N-Channel MOSFET Transistor
33N10 ISC-33N10_19 Datasheet
245Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - 33N25

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSJ264D INTERSIL-FSJ264D Datasheet
48Kb / 9P
33A, 250V, 0.080 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
IRF540N INTERSIL-IRF540N Datasheet
126Kb / 10P
33A, 100V, 0.040 Ohm, N-Channel Power MOSFET
March 2000
IRFP140N INTERSIL-IRFP140N Datasheet
126Kb / 10P
33A, 100V, 0.040 Ohm, N-Channel Power MOSFET
March 2000
logo
Unisonic Technologies
UFP254 UTC-UFP254 Datasheet
132Kb / 3P
23A, 250V N-CHANNEL POWER MOSFET
12N25 UTC-12N25 Datasheet
194Kb / 5P
12A, 250V N-CHANNEL POWER MOSFET
12N25V UTC-12N25V Datasheet
204Kb / 5P
12A, 250V N-CHANNEL POWER MOSFET
UF624Z UTC-UF624Z Datasheet
221Kb / 7P
4.4A, 250V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM600N25E TSC-TSM600N25E Datasheet
456Kb / 7P
250V N-Channel Power MOSFET
logo
Rohm
RJ1U330AAFRGTL ROHM-RJ1U330AAFRGTL Datasheet
2Mb / 14P
Nch 250V/33A Power MOSFET
logo
Fairchild Semiconductor
IRF540N FAIRCHILD-IRF540N Datasheet
138Kb / 10P
33A, 100V, 0.040 Ohm, N-Channel, Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com