Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1035 Datasheet (PDF) - Clare, Inc.

CPC1035 Datasheet PDF - Clare, Inc.
Part # CPC1035
Download  CPC1035 Download
File Size   93.0 Kbytes
Page   6 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description 4 Pin SOP OptoMOS Relay

CPC1035 Datasheet (PDF)

Go To PDF Page Download Datasheet
CPC1035 Datasheet PDF - Clare, Inc.

Part # CPC1035
Download  CPC1035 Click to download

File Size   93.0 Kbytes
Page   6 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description 4 Pin SOP OptoMOS Relay

CPC1035 Datasheet (HTML) - Clare, Inc.


CPC1035 Product details

Description

The CPC1035N is a miniature 1-Form-A solid state relay in a 4 pin SOP package that employs optically coupled MOSFET technology to provide 1500V of input to output isolation. The efficient MOSFET switches and photovoltaic die use Clare’s patented OptoMOS® architecture. The optically coupled input is controlled by a highly efficient GaAlAs infrared LED. The CPC1035N uses Clare’s state of the art double molded vertical construction packaging to produce the world’s smallest relay. The CPC1035N offers board space savings of at least 20% over the competitor’s larger 4 pin SOP relay.



Features

• Small 4 Pin SOP Package

• Low Drive Power Requirements (TTL/CMOS Compatible)

• No Moving Parts

• High Reliability

• Arc-Free With No Snubbing Circuits

• 1500VRMS Input/Output Isolation

• FCC Compatible

• No EMI/RFI Generation

• Machine Insertable, Wave Solderable

• Tape & Reel Version Available



Applications

• Telecommunications

   • Telecom Switching

   • Tip/Ring Circuits

   • Modem Switching (Laptop, Notebook, Pocket Size)

   • Hookswitch

   • Dial Pulsing

   • Ground Start

   • Ringer Injection

• Instrumentation

   • Multiplexers

   • Data Acquisition

   • Electronic Switching

   • I/O Subsystems

   • Meters (Watt-Hour, Water, Gas)

• Medical Equipment—Patient/Equipment Isolation

• Security

• Aerospace

• Industrial Controls



 




Similar Part No. - CPC1035

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1035N CLARE-CPC1035N Datasheet
112Kb / 5P
4-Pin SOP OptoMOS짰 Relay
logo
IXYS Corporation
CPC1035N IXYS-CPC1035N Datasheet
136Kb / 6P
350V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
logo
Clare, Inc.
CPC1035NTR CLARE-CPC1035NTR Datasheet
112Kb / 5P
4-Pin SOP OptoMOS짰 Relay
logo
IXYS Corporation
CPC1035NTR IXYS-CPC1035NTR Datasheet
136Kb / 6P
350V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
logo
Clare, Inc.
CPC1035N CLARE-CPC1035N_1 Datasheet
112Kb / 5P
4-Pin SOP OptoMOS짰 Relay
More results


Similar Description - CPC1035

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CM5 CLARE-CM5 Datasheet
195Kb / 4P
4 Pin SOP OptoMOS Relay
CPC1008N CLARE-CPC1008N Datasheet
188Kb / 6P
4 Pin SOP OptoMOS Relay
CPC1230N CLARE-CPC1230N Datasheet
180Kb / 6P
4 Pin SOP OptoMOS Relay
CPC1016N CLARE-CPC1016N Datasheet
195Kb / 6P
4 Pin SOP OptoMOS Relay
CPC1002N CLARE-CPC1002N Datasheet
230Kb / 3P
4-Pin SOP OptoMOS Relay
CPC1004N CLARE-CPC1004N Datasheet
509Kb / 5P
4 Pin SOP OptoMOS Relay
CPC1018N CLARE-CPC1018N Datasheet
197Kb / 5P
4-Pin SOP OptoMOS Relay
CPC1117N CLARE-CPC1117N Datasheet
124Kb / 3P
4-Pin SOP OptoMOS Relay
CPC1130N CLARE-CPC1130N Datasheet
491Kb / 5P
4-Pin SOP OptoMOS Relay
CPC1231N CLARE-CPC1231N Datasheet
491Kb / 5P
4-Pin SOP OptoMOS Relay
More results




About Clare, Inc.


Clare, Inc. is a semiconductor company that specializes in the development and manufacturing of solid-state relays (SSRs) and other electronic components. The company was founded in 1992 and is based in Beverly, Massachusetts, USA.

Clare's product portfolio includes a wide range of SSRs, including AC and DC input models, single and dual output models, and high voltage and high current models. The company's SSRs are used in various applications, such as industrial automation, medical equipment, telecommunications, and transportation.

One of Clare's key areas of expertise is in the design of high-performance SSRs that offer superior reliability, fast switching speeds, and low power consumption. The company's SSRs are also designed to be compact and lightweight, making them well-suited to applications where space is limited.

In addition to its SSRs, Clare also offers a range of other electronic components, such as optocouplers, power switches, and voltage regulators. The company places a strong emphasis on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com