Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1035 Datasheet(PDF) 2 Page - Clare, Inc.

Part # CPC1035
Description  4 Pin SOP OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1035 Datasheet(HTML) 2 Page - Clare, Inc.

  CPC1035 Datasheet HTML 1Page - Clare, Inc. CPC1035 Datasheet HTML 2Page - Clare, Inc. CPC1035 Datasheet HTML 3Page - Clare, Inc. CPC1035 Datasheet HTML 4Page - Clare, Inc. CPC1035 Datasheet HTML 5Page - Clare, Inc. CPC1035 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.clare.com
CPC1035N
Rev. 5
Electrical Characteristics
Absolute Maximum Ratings are stress ratings. Stresses
in excess of these ratings can cause permanent damage
to the device. Functional operation of the device at these
or any other conditions beyond those indicated in the
operational sections of this data sheet is not implied.
Exposure of the device to the absolute maximum ratings
for an extended period may degrade the device and effect
its reliability.
Absolute Maximum Ratings (@ 25˚ C)
2
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Load Voltage (Peak)
-
V
L
-
-
350
V
Load Current (Continuous)
AC Peak1
-I
L
-
-
100
mA
Peak Load Current
10ms
I
LPK
-
-
350
mA
On-Resistance2
I
L=100mA
R
ON
-30
35
Ω
Off-State Leakage Current
V
L=350V
I
LEAK
--
1
mA
Switching Speeds
Turn-On
I
F=5mA, VL=10V
T
ON
--
2
ms
Turn-Off
I
F=5mA, VL=10V
T
OFF
-
-
1.0
ms
Output Capacitance
50V; f=1MHz
C
OUT
-25
-
pF
Input Characteristics @ 25°C
Input Control Current3
I
L=100mA
I
F
2-
50
mA
Input Dropout Current
-
I
F
0.3
0.9
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Voltage
-
V
R
--
5
V
Reverse Input Current
V
R=5V
I
R
--
10
µA
1 Load current derates linearly from 100mA @ 25oC to 70mA @85oC.
2 Measurement taken within 1 second of on time.
3 For applications requiring high temperature operation (greater than 60oC) an LED drive current of 10mA is recommended.
Parameter
Min
Typ
Max Units
Input Power Disipation
-
-
1501
mW
Input control Current
-
-
50
mA
Peak (10ms)
-
-
1
A
Reverse Input Voltage
-
-
5
V
Total PowerDissipation
-
-
4002
mW
Capacitance
Input to Output
-
1
-
pF
Isolation voltage
Input to Output
1500
-
-
V
RMS
Operational Temperature
-40
-
+85
°C
Storage Temperature
-40
-
+125
°C
Soldering Temperature
(10 seconds Max.)
-
-
+220
°C
1 Derate Linearly 1.33 mw / oC
2 Derate Linearly 6.67 mw / oC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com