Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100N20G-TN3-R Datasheet (PDF) - Unisonic Technologies

100N20G-TN3-R Datasheet PDF - Unisonic Technologies
Part # 100N20G-TN3-R
Download  100N20G-TN3-R Download
File Size   133.68 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 100A, 15V N-CHANNEL POWER TRENCH MOSFET

100N20G-TN3-R Datasheet (PDF)

Go To PDF Page Download Datasheet
100N20G-TN3-R Datasheet PDF - Unisonic Technologies

Part # 100N20G-TN3-R
Download  100N20G-TN3-R Click to download

File Size   133.68 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 100A, 15V N-CHANNEL POWER TRENCH MOSFET

100N20G-TN3-R Datasheet (HTML) - Unisonic Technologies




Similar Part No. - 100N20G-TN3-R

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
100N03 VBSEMI-100N03 Datasheet
1Mb / 7P
N-Channel 30-V (D-S) MOSFET
logo
EVER SEMICONDUCTOR CO.,...
100N03 EVVOSEMI-100N03 Datasheet
968Kb / 3P
Rectifier Diodes
Rev:2022A2
logo
TECH PUBLIC Electronics...
100N03 TECHPUBLIC-100N03 Datasheet
2Mb / 5P
N-Channel Enhancement Mode Power MOSFET
logo
STMicroelectronics
100N03 STMICROELECTRONICS-100N03 Datasheet
240Kb / 14P
N-CHANNEL 30V - 0.0045??- 80A - DPAK - IPAK Planar STripFET??MOSFET
14-Sep-2005
logo
VBsemi Electronics Co.,...
100N03-CMP100N03 VBSEMI-100N03-CMP100N03 Datasheet
1Mb / 7P
N-Channel 30-V (D-S) MOSFET
More results


Similar Description - 100N20G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
ULB4132 UTC-ULB4132 Datasheet
236Kb / 5P
100A, 30V N-CHANNEL POWER MOSFET
UT100N03 UTC-UT100N03 Datasheet
275Kb / 5P
100A, 30V N-CHANNEL POWER MOSFET
UT100N03-Q UTC-UT100N03-Q Datasheet
275Kb / 5P
100A, 30V N-CHANNEL POWER MOSFET
UTT100N05 UTC-UTT100N05 Datasheet
129Kb / 3P
100A, 50V N-CHANNEL POWER MOSFET
logo
MagnaChip Semiconductor...
MDU04N010 MGCHIP-MDU04N010 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 40V, 100A, 1.0m(ohm)
MDU06N031 MGCHIP-MDU06N031 Datasheet
975Kb / 6P
Single N-channel Trench MOSFET 60V, 100A, 3.1m(ohm)
MDU1721 MGCHIP-MDU1721 Datasheet
983Kb / 6P
Single N-channel Trench MOSFET 40V, 100A, 1.4m(ohm)
MDU1722 MGCHIP-MDU1722 Datasheet
981Kb / 6P
Single N-channel Trench MOSFET 40V, 100A, 2.2m(ohm)
MDU1931 MGCHIP-MDU1931 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 80V, 100A, 3.6m(ohm)
logo
ON Semiconductor
FDD9407-F085 ONSEMI-FDD9407-F085 Datasheet
506Kb / 7P
Channel Power Trench® MOSFET 40V 100A, 2.0mΩ
September-2017, Rev. 3
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com