Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT80N75 Datasheet (PDF) - Unisonic Technologies

UTT80N75 Datasheet PDF - Unisonic Technologies
Part # UTT80N75
Download  UTT80N75 Download
File Size   133.29 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 80A, 75V N-CHANNEL POWER MOSFET

UTT80N75 Datasheet (PDF)

Go To PDF Page Download Datasheet
UTT80N75 Datasheet PDF - Unisonic Technologies

Part # UTT80N75
Download  UTT80N75 Click to download

File Size   133.29 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 80A, 75V N-CHANNEL POWER MOSFET

UTT80N75 Datasheet (HTML) - Unisonic Technologies


UTT80N75 Product details

DESCRIPTION

The UTC UTT80N75 is an N-Channel power MOSFET, it uses UTC’s advanced technology to provide customers with a minimum on-state resistance, low gate charge and high switching speed.



FEATURES

* 80A, 75V, RDS(ON)=10mΩ @VGS=10V, ID=20A

* Low gate charge ( typical 117nC)

* High switching speed




Similar Part No. - UTT80N75

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT80N05 UTC-UTT80N05 Datasheet
135Kb / 3P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
UTT80N05G-TA3-T UTC-UTT80N05G-TA3-T Datasheet
135Kb / 3P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
UTT80N05L-TA3-T UTC-UTT80N05L-TA3-T Datasheet
135Kb / 3P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
UTT80N06 UTC-UTT80N06 Datasheet
228Kb / 7P
60V, 80A N-CHANNEL POWER MOSFET
UTT80N06G-S08-R UTC-UTT80N06G-S08-R Datasheet
228Kb / 7P
60V, 80A N-CHANNEL POWER MOSFET
More results


Similar Description - UTT80N75

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDH047AN08A0 FAIRCHILD-FDH047AN08A0 Datasheet
606Kb / 10P
N-Channel PowerTrench MOSFET 75V, 80A, 4.7m?
FDP060AN08A0 FAIRCHILD-FDP060AN08A0 Datasheet
252Kb / 11P
N-Channel PowerTrench MOSFET 75V, 80A, 6.0m?
logo
FOSLINK SEMICONDUCTOR C...
FSM75N75 FOSLINK-FSM75N75 Datasheet
563Kb / 9P
N-CHANNEL 75V 0.0097廓 80A POWER MOSFET
logo
Unisonic Technologies
UTT75N75 UTC-UTT75N75 Datasheet
169Kb / 5P
80A, 75V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDB045AN08A0 FAIRCHILD-FDB045AN08A0_10 Datasheet
258Kb / 11P
N-Channel PowerTrench짰 MOSFET 75V, 80A, 4.5m
FDB045AN08_F085 FAIRCHILD-FDB045AN08_F085 Datasheet
258Kb / 11P
N-Channel PowerTrench짰 MOSFET 75V, 80A, 4.5m
logo
HY ELECTRONIC CORP.
HY80N075T HY-HY80N075T Datasheet
244Kb / 4P
75V / 80A N-Channel Enhancement Mode MOSFET
logo
E-CMOS Corporation
EC7375N75 E-CMOS-EC7375N75 Datasheet
679Kb / 7P
75V, 80A N-Channel MOSFET
logo
Shindengen Electric Mfg...
P80FG7R5EN SHINDENGEN-P80FG7R5EN Datasheet
1Mb / 7P
Power MOSFETs 75V, 80A, N-channel
logo
List of Unclassifed Man...
D7509 ETC-D7509 Datasheet
916Kb / 11P
80A 75V N-channel Enhancement Mode Power MOSFET
Rev. 1.0
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com