Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSM75N75 Datasheet (PDF) - FOSLINK SEMICONDUCTOR CO.,LTD

FSM75N75 Datasheet PDF - FOSLINK SEMICONDUCTOR CO.,LTD
Part # FSM75N75
Download  FSM75N75 Download
File Size   563.03 Kbytes
Page   9 Pages
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD
Description N-CHANNEL 75V 0.0097廓 80A POWER MOSFET

FSM75N75 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSM75N75 Datasheet PDF - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSM75N75
Download  FSM75N75 Click to download

File Size   563.03 Kbytes
Page   9 Pages
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD
Description N-CHANNEL 75V 0.0097廓 80A POWER MOSFET

FSM75N75 Datasheet (HTML) - FOSLINK SEMICONDUCTOR CO.,LTD




Similar Part No. - FSM75N75

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FSM781D SANYO-FSM781D Datasheet
2Mb / 10P
5-PHASE STEPPING SYSTEMS
FSM781S SANYO-FSM781S Datasheet
2Mb / 10P
5-PHASE STEPPING SYSTEMS
FSM782D SANYO-FSM782D Datasheet
2Mb / 10P
5-PHASE STEPPING SYSTEMS
FSM782S SANYO-FSM782S Datasheet
2Mb / 10P
5-PHASE STEPPING SYSTEMS
FSM783D SANYO-FSM783D Datasheet
2Mb / 10P
5-PHASE STEPPING SYSTEMS
More results


Similar Description - FSM75N75

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB045AN08A0 FAIRCHILD-FDB045AN08A0_06 Datasheet
523Kb / 11P
N-Channel PowerTrench짰 MOSFET 75V, 80A, 4.5m廓
logo
Unisonic Technologies
UTT75N75 UTC-UTT75N75 Datasheet
169Kb / 5P
80A, 75V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDB045AN08A0 FAIRCHILD-FDB045AN08A0_10 Datasheet
258Kb / 11P
N-Channel PowerTrench짰 MOSFET 75V, 80A, 4.5m
FDB045AN08_F085 FAIRCHILD-FDB045AN08_F085 Datasheet
258Kb / 11P
N-Channel PowerTrench짰 MOSFET 75V, 80A, 4.5m
logo
Unisonic Technologies
UTT80N75 UTC-UTT80N75 Datasheet
133Kb / 3P
80A, 75V N-CHANNEL POWER MOSFET
logo
Guilin Strong Micro-Ele...
GMP80N75 GSME-GMP80N75 Datasheet
206Kb / 2P
N-channel 75V 10m廓, 80A TO-220 Trench Power MOSFET
logo
E-CMOS Corporation
EC7375N75 E-CMOS-EC7375N75 Datasheet
679Kb / 7P
75V, 80A N-Channel MOSFET
logo
First Silicon Co., Ltd
FTK80N08 FS-FTK80N08 Datasheet
630Kb / 6P
N-CHANNEL MOSFET (75V/80A, Rds=6.5m廓)
logo
Shindengen Electric Mfg...
P80FG7R5EN SHINDENGEN-P80FG7R5EN Datasheet
1Mb / 7P
Power MOSFETs 75V, 80A, N-channel
logo
List of Unclassifed Man...
D7509 ETC-D7509 Datasheet
916Kb / 11P
80A 75V N-channel Enhancement Mode Power MOSFET
Rev. 1.0
More results




About FOSLINK SEMICONDUCTOR CO.,LTD


FOSLINK Semiconductor Co., Ltd is a Chinese semiconductor company that specializes in the design, development, and production of power management ICs, audio amplifiers, and other analog and mixed-signal ICs. The company was founded in 2002 and is headquartered in Shenzhen, China.

FOSLINK's products are used in a wide range of applications, including mobile devices, consumer electronics, automotive, and industrial systems. The company's power management ICs are designed to improve energy efficiency and extend battery life in mobile devices and other portable electronics. Its audio amplifiers are used in a variety of audio applications, such as headphones, speakers, and home theater systems.

FOSLINK is committed to providing high-quality products and services to its customers. The company has a strong focus on research and development, with a team of experienced engineers working to develop new products and technologies. FOSLINK also has a strong commitment to customer service, providing technical support and assistance to customers around the world.

Overall, FOSLINK Semiconductor Co., Ltd is a well-respected semiconductor company that has established a reputation for its high-quality products and commitment to customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com