Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSM75N75 Datasheet(PDF) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSM75N75
Description  N-CHANNEL 75V 0.0097廓 80A POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSM75N75 Datasheet(HTML) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSM75N75 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSM75N75 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSM75N75 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSM75N75 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSM75N75 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSM75N75 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSM75N75 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSM75N75 Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSM75N75 Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
N-CHANNEL 75V 0.0097Ω 80A POWER MOSFET
2007-7-27
2/9
FSM75N75
THERMAL DATA
Symbol
Parameter
Rating
Unit
RthJC
Thermal resistance junction-case
1
°C/W
RthJA
Thermal resistance junction-ambient
62.5
°C/W
T l
Maximum lead temperature for soldering purpose
(1)
300
°C
Note: (1) 1.6mm from case for 10sec.
ELECTRICAL CHARACTERISTICS(TCASE=25°C, UNLESS OTHERWISE NOTED)
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Off Characteristics
VDSS
ID = 250µA, VGS= 0
75
V
IDSS
VDS = 75V,VGS= 0 TJ=25°C
VDS = 75V,VGS= 0 ,TJ=100°C
1
10
µA
µA
IGSS
VGS = ±20V ,VDS= 0
±100
nA
On Characteristics
VGS(th)
VDS = VGS, ID = 250µA
2
2.8
4
V
RDS ( on )
VGS= 10V, ID= 40A
Pulse test, t ≤ 300 ms, duty cycle d ≤ 2%
0.0097
0.011
Ω
Dynamic Characteristics
gfs
VDS = 15V, ID = 40A ,Pulse test
80
S
Ciss
3000
Coss
800
Crss
VDS = 25V, f=1MHz, VGS = 0V
50
pF
Switching Characteristics
td(on)
20
tr
15
td(off)
60
tf
VDD = 38V, ID = 45A, VGS = 10V
10
ns
Qg
100
Qgs
20
Qgd
VGS = 60 V, ID = 80A, VGS =10V
40
nC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com