Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTA40 Datasheet (PDF) - Unisonic Technologies

BTA40 Datasheet PDF - Unisonic Technologies
Part # BTA40
Download  BTA40 Download
File Size   164.1 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 40A STANDARD TRIAC

BTA40 Datasheet (PDF)

Go To PDF Page Download Datasheet
BTA40 Datasheet PDF - Unisonic Technologies

Part # BTA40
Download  BTA40 Click to download

File Size   164.1 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 40A STANDARD TRIAC

BTA40 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - BTA40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40 Datasheet
85Kb / 7P
40A TRIACs
14-Oct-2005
BTA40 STMICROELECTRONICS-BTA40 Datasheet
108Kb / 9P
40 A standard TRIACs
10-Aug-2009
BTA40 STMICROELECTRONICS-BTA40 Datasheet
489Kb / 12P
800 V and 600 V, 40 A standard Triacs in TOP3 and RD91 package
26-Jul-2023
BTA40-400B STMICROELECTRONICS-BTA40-400B Datasheet
106Kb / 9P
40 A standard TRIACs
10-Aug-2009
BTA40-600B STMICROELECTRONICS-BTA40-600B Datasheet
85Kb / 7P
40A TRIACs
14-Oct-2005
More results


Similar Description - BTA40

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5679 NTE-NTE5679 Datasheet
18Kb / 2P
TRIAC - 600V, 40A
logo
Apollo Electron Co., Lt...
TD8A60 APOLLOELECTRON-TD8A60 Datasheet
1Mb / 5P
Standard Triac
TF4A60 APOLLOELECTRON-TF4A60 Datasheet
2Mb / 5P
Standard Triac
TF6A60 APOLLOELECTRON-TF6A60 Datasheet
3Mb / 6P
Standard Triac
TF8A60 APOLLOELECTRON-TF8A60 Datasheet
2Mb / 6P
Standard Triac
TF8A80 APOLLOELECTRON-TF8A80 Datasheet
3Mb / 6P
Standard Triac
TF12A80 APOLLOELECTRON-TF12A80 Datasheet
1Mb / 6P
Standard Triac
TF25A60 APOLLOELECTRON-TF25A60 Datasheet
1Mb / 6P
Standard Triac
logo
Unisonic Technologies
BTB40 UTC-BTB40 Datasheet
163Kb / 3P
40A STANDARD TRIAC
BTA40 UTC-BTA40_15 Datasheet
170Kb / 3P
40A STANDARD TRIAC
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com