Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTA40 Datasheet (PDF) - STMicroelectronics

BTA40 Datasheet PDF - STMicroelectronics
Part # BTA40
Download  BTA40 Download
File Size   489.95 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 800 V and 600 V, 40 A standard Triacs in TOP3 and RD91 package

BTA40 Datasheet (PDF)

Go To PDF Page Download Datasheet
BTA40 Datasheet PDF - STMicroelectronics

Part # BTA40
Download  BTA40 Click to download

File Size   489.95 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 800 V and 600 V, 40 A standard Triacs in TOP3 and RD91 package

BTA40 Datasheet (HTML) - STMicroelectronics


BTA40 Product details

Features
• High current Triac
• Low thermal resistance
• BTA40 and BTA41 UL1557 recognized components (file ref: 81734)
• RoHS (2002/95/EC) compliant packages
• UL-94, V0 flammability package resin compliance
Application
• On/off function in static relays, heating regulation, induction motor starting
circuits
• Phase control operations in light dimmers and motor speed controllers

Description
Available in power packages, the BTA40, BTA41, and BTB41 are suitable for general
purpose AC switching.
When used with the properly dimensioned heatsink, the BTA40, BTA41 and BTB41
can enable AC switching systems up to 9 kW. Refer to STMicroelectronics
application note AN533 for thermal management of Triacs.
The BTA40, and BTA41 provides an insulated tab (rated at 2500 V rms). They are
recognized by UL. Representative samples of these components have been
evaluated by UL and meet applicable UL requirements for the UL 1557 standard (file
Ref. 81734).




Similar Part No. - BTA40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40 Datasheet
85Kb / 7P
40A TRIACs
14-Oct-2005
BTA40 STMICROELECTRONICS-BTA40 Datasheet
108Kb / 9P
40 A standard TRIACs
10-Aug-2009
logo
Unisonic Technologies
BTA40 UTC-BTA40 Datasheet
164Kb / 3P
40A STANDARD TRIAC
logo
STMicroelectronics
BTA40-400B STMICROELECTRONICS-BTA40-400B Datasheet
106Kb / 9P
40 A standard TRIACs
10-Aug-2009
BTA40-600B STMICROELECTRONICS-BTA40-600B Datasheet
85Kb / 7P
40A TRIACs
14-Oct-2005
More results


Similar Description - BTA40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40_09 Datasheet
108Kb / 9P
40 A standard TRIACs
10-Aug-2009
BTA40-700B STMICROELECTRONICS-BTA40-700B Datasheet
106Kb / 9P
40 A standard TRIACs
10-Aug-2009
BTA40-400B STMICROELECTRONICS-BTA40-400B Datasheet
106Kb / 9P
40 A standard TRIACs
10-Aug-2009
BTA40-800B STMICROELECTRONICS-BTA40-800B Datasheet
106Kb / 9P
40 A standard TRIACs
10-Aug-2009
logo
Vishay Siliconix
VS-GT400TH60N VISHAY-VS-GT400TH60N Datasheet
165Kb / 7P
Molding Type Module IGBT, 2-in-1 Package, 600 V and 400 A
12-Jun-15
VS-GT400TH60N VISHAY-VS-GT400TH60N_V01 Datasheet
163Kb / 7P
Molding Type Module IGBT, 2-in-1 Package, 600 V and 400 A
18-Sep-17
VS-GT400TH60N VISHAY-VS-GT400TH60N_V02 Datasheet
163Kb / 7P
Molding Type Module IGBT, 2-in-1 Package, 600 V and 400 A
18-Sep-17
logo
STMicroelectronics
T5035H-8PI STMICROELECTRONICS-T5035H-8PI Datasheet
226Kb / 11P
50 A - 800 V - 150 °C 8H-Triac in TOP3 Ins.
05-Oct-2021
BTA25 STMICROELECTRONICS-BTA25 Datasheet
191Kb / 10P
800 V and 600 V, 25 A standard Triacs in RD91 package
03-Aug-2021
BTA26 STMICROELECTRONICS-BTA26_V01 Datasheet
207Kb / 10P
800 V and 600 V, 25 A standard Triacs in TOP3 package
03-Aug-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com