Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTA40 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BTA40
Description  800 V and 600 V, 40 A standard Triacs in TOP3 and RD91 package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA40 Datasheet(HTML) 1 Page - STMicroelectronics

  BTA40 Datasheet HTML 1Page - STMicroelectronics BTA40 Datasheet HTML 2Page - STMicroelectronics BTA40 Datasheet HTML 3Page - STMicroelectronics BTA40 Datasheet HTML 4Page - STMicroelectronics BTA40 Datasheet HTML 5Page - STMicroelectronics BTA40 Datasheet HTML 6Page - STMicroelectronics BTA40 Datasheet HTML 7Page - STMicroelectronics BTA40 Datasheet HTML 8Page - STMicroelectronics BTA40 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
High current Triac
Low thermal resistance
BTA40 and BTA41 UL1557 recognized components (file ref: 81734)
RoHS (2002/95/EC) compliant packages
UL-94, V0 flammability package resin compliance
Application
On/off function in static relays, heating regulation, induction motor starting
circuits
Phase control operations in light dimmers and motor speed controllers
Description
Available in power packages, the BTA40, BTA41, and BTB41 are suitable for general
purpose AC switching.
When used with the properly dimensioned heatsink, the BTA40, BTA41 and BTB41
can enable AC switching systems up to 9 kW. Refer to STMicroelectronics
application note AN533 for thermal management of Triacs.
The BTA40, and BTA41 provides an insulated tab (rated at 2500 V rms). They are
recognized by UL. Representative samples of these components have been
evaluated by UL and meet applicable UL requirements for the UL 1557 standard (file
Ref. 81734).
A2
A1
G
A1
G
A2
A2
TOP3 Isolated
TOP3
A1
G
A2
RD91
G
A1
A2
Product status link
BTA40
RD91 package
BTA41
TOP3 isolated
package
BTB41
TOP3 package
Product summary
IT(RMS)
40 A
VDRM/VRRM
600 V to 800 V
IGT
50 mA
800 V and 600 V, 40 A standard Triacs in TOP3 and RD91 package
BTA40, BTA41, BTB41
Datasheet
DS2111 - Rev 13 - July 2023
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - BTA40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40 Datasheet
85Kb / 7P
40A TRIACs
14-Oct-2005
BTA40 STMICROELECTRONICS-BTA40 Datasheet
108Kb / 9P
40 A standard TRIACs
10-Aug-2009
logo
Unisonic Technologies
BTA40 UTC-BTA40 Datasheet
164Kb / 3P
40A STANDARD TRIAC
logo
STMicroelectronics
BTA40-400B STMICROELECTRONICS-BTA40-400B Datasheet
106Kb / 9P
40 A standard TRIACs
10-Aug-2009
BTA40-600B STMICROELECTRONICS-BTA40-600B Datasheet
85Kb / 7P
40A TRIACs
14-Oct-2005
More results

Similar Description - BTA40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40_09 Datasheet
108Kb / 9P
40 A standard TRIACs
10-Aug-2009
BTA40-700B STMICROELECTRONICS-BTA40-700B Datasheet
106Kb / 9P
40 A standard TRIACs
10-Aug-2009
BTA40-400B STMICROELECTRONICS-BTA40-400B Datasheet
106Kb / 9P
40 A standard TRIACs
10-Aug-2009
BTA40-800B STMICROELECTRONICS-BTA40-800B Datasheet
106Kb / 9P
40 A standard TRIACs
10-Aug-2009
logo
Vishay Siliconix
VS-GT400TH60N VISHAY-VS-GT400TH60N Datasheet
165Kb / 7P
Molding Type Module IGBT, 2-in-1 Package, 600 V and 400 A
12-Jun-15
VS-GT400TH60N VISHAY-VS-GT400TH60N_V01 Datasheet
163Kb / 7P
Molding Type Module IGBT, 2-in-1 Package, 600 V and 400 A
18-Sep-17
VS-GT400TH60N VISHAY-VS-GT400TH60N_V02 Datasheet
163Kb / 7P
Molding Type Module IGBT, 2-in-1 Package, 600 V and 400 A
18-Sep-17
logo
STMicroelectronics
T5035H-8PI STMICROELECTRONICS-T5035H-8PI Datasheet
226Kb / 11P
50 A - 800 V - 150 °C 8H-Triac in TOP3 Ins.
05-Oct-2021
BTA25 STMICROELECTRONICS-BTA25 Datasheet
191Kb / 10P
800 V and 600 V, 25 A standard Triacs in RD91 package
03-Aug-2021
BTA26 STMICROELECTRONICS-BTA26_V01 Datasheet
207Kb / 10P
800 V and 600 V, 25 A standard Triacs in TOP3 package
03-Aug-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com