Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIA101P Datasheet (PDF) - Clare, Inc.

LIA101P Datasheet PDF - Clare, Inc.
Part # LIA101P
Download  LIA101P Download
File Size   97.0 Kbytes
Page   6 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description Linear Isolation Amplifier

LIA101P Datasheet (PDF)

Go To PDF Page Download Datasheet
LIA101P Datasheet PDF - Clare, Inc.

Part # LIA101P
Download  LIA101P Click to download

File Size   97.0 Kbytes
Page   6 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description Linear Isolation Amplifier

LIA101P Datasheet (HTML) - Clare, Inc.


LIA101P Product details

Description
The LIA100 and LIA101 are linear isolation amplifiers that integrate a linear optocoupler with two op amps in a single package. They are available in a 16 Pin SOIC or DIP package.

Features
• Small Size Standard 16 Pin SOIC or DIP Package
• 0.01% Servo Linearity
• 5300 VAC Peak Input/Output Isolation Available
• Bandwidth ≥40kHz
• Machine Insertable, Wave Solderable
• Wide Power Supply Range ±18V
• Low Supply Current

Applications
• Isolated 4-20mA Converter
• Medical Sensor Isolation
• Switching Power Supply Feedback Circuits
• Isolated Temperature/Pressure Sensors
• Data Acquisition Equipment
• Isolated Motor Controls




Similar Part No. - LIA101P

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LIA100 CLARE-LIA100 Datasheet
96Kb / 6P
Linear Isolation Amplifier
LIA100P CLARE-LIA100P Datasheet
96Kb / 6P
Linear Isolation Amplifier
LIA100PTR CLARE-LIA100PTR Datasheet
96Kb / 6P
Linear Isolation Amplifier
More results


Similar Description - LIA101P

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3121 ROHM-BA3121 Datasheet
169Kb / 11P
Ground isolation amplifier
logo
Burr-Brown (TI)
ISO100 BURR-BROWN-ISO100 Datasheet
202Kb / 15P
Optically-Coupled Linear ISOLATION AMPLIFIER
logo
Clare, Inc.
LIA100 CLARE-LIA100 Datasheet
96Kb / 6P
Linear Isolation Amplifier
logo
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
Analog Isolation Amplifier
logo
Burr-Brown (TI)
3650 BURR-BROWN-3650 Datasheet
127Kb / 13P
Optically-Coupled Linear ISOLATION AMPLIFIERS
logo
List of Unclassifed Man...
1A175 ETC1-1A175 Datasheet
28Kb / 1P
IA175 ULTR-LINEAR ISOLATION AMPLIFIER
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840 AVAGO-HCPL-7840 Datasheet
320Kb / 19P
Isolation Amplifier
logo
Intronics Power, Inc.
IA175 INTRONICS-IA175 Datasheet
525Kb / 6P
ULTRA-LINEAR ISOLATION AMPLIFIER WITH EXTERNAL SYNC CAPABILITY
logo
Rohm
BA3121F-E2 ROHM-BA3121F-E2 Datasheet
348Kb / 9P
Ground Isolation Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-560E AVAGO-HCPL-7840-560E Datasheet
151Kb / 19P
Isolation Amplifier
More results




About Clare, Inc.


Clare, Inc. is a semiconductor company that specializes in the development and manufacturing of solid-state relays (SSRs) and other electronic components. The company was founded in 1992 and is based in Beverly, Massachusetts, USA.

Clare's product portfolio includes a wide range of SSRs, including AC and DC input models, single and dual output models, and high voltage and high current models. The company's SSRs are used in various applications, such as industrial automation, medical equipment, telecommunications, and transportation.

One of Clare's key areas of expertise is in the design of high-performance SSRs that offer superior reliability, fast switching speeds, and low power consumption. The company's SSRs are also designed to be compact and lightweight, making them well-suited to applications where space is limited.

In addition to its SSRs, Clare also offers a range of other electronic components, such as optocouplers, power switches, and voltage regulators. The company places a strong emphasis on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com