Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M-982-02 Datasheet (PDF) - Clare, Inc.

M-982-02 Datasheet PDF - Clare, Inc.
Part # M-982-02
Download  M-982-02 Download
File Size   200.4 Kbytes
Page   7 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description Precise Call Progress Tone Detector

M-982-02 Datasheet (PDF)

Go To PDF Page Download Datasheet
M-982-02 Datasheet PDF - Clare, Inc.

Part # M-982-02
Download  M-982-02 Click to download

File Size   200.4 Kbytes
Page   7 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description Precise Call Progress Tone Detector

M-982-02 Datasheet (HTML) - Clare, Inc.


M-982-02 Product details

Description

The M-982-02 is an integrated circuit precise tone detector for special-purpose use in automatic following of switched telephone calls. The circuit uses low power CMOS techniques to provide the complete filtering and control required for this function. The basic timing of the M-982-02 is designed to permit operation with almost any progress tone system.The use of integrated circuit techniques allows the M-982-02 to pack the five filters for call progress following into a single 22-pin DIP or 20-pin SOIC. A 3.58 MHz crystal-controlled time base guarantees accuracy and repeatability.



Features

• Precise detection of call progress tones

• Linear (analog) input

• Digital (CMOS compatible), tri-state outputs

• 22-pin DIP and 20-pin SOIC

• Single supply 3 to 5 volt (low power CMOS)

• Inexpensive 3.58 MHz crystal time base

• Wide dynamic range (30 dB)

• Lower power consumption (power-down mode)

• 425 Hz detection



Applications

• Automatic dialers

• Dialing modems

• Traffic

• Measurement equipment

• Test equipment

• Service evaluation

• Billing systems




Similar Part No. - M-982-02

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
M-980-02 CLARE-M-980-02 Datasheet
181Kb / 6P
3V/5V General Purpose Call Progress Tone Detector
logo
IXYS Corporation
M-980-02 IXYS-M-980-02 Datasheet
206Kb / 7P
3V/5V General Purpose Call Progress Tone Detector
logo
Clare, Inc.
M-980-02P CLARE-M-980-02P Datasheet
181Kb / 6P
3V/5V General Purpose Call Progress Tone Detector
logo
IXYS Corporation
M-980-02P IXYS-M-980-02P Datasheet
206Kb / 7P
3V/5V General Purpose Call Progress Tone Detector
logo
Clare, Inc.
M-980-02S CLARE-M-980-02S Datasheet
181Kb / 6P
3V/5V General Purpose Call Progress Tone Detector
More results


Similar Description - M-982-02

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
M-985-01 CLARE-M-985-01 Datasheet
241Kb / 8P
Precise Call Progress and Special Information Tone Generator
M-991 CLARE-M-991 Datasheet
171Kb / 6P
Call Progress Tone Generator
logo
List of Unclassifed Man...
FX633 ETC-FX633 Datasheet
331Kb / 12P
Call Progress Tone Detector
logo
Holtek Semiconductor In...
HT9020B HOLTEK-HT9020B Datasheet
120Kb / 7P
Call Progress Tone Detector
March 31, 2003
logo
List of Unclassifed Man...
FX623 ETC-FX623 Datasheet
49Kb / 6P
Call Progress Tone Decoder
MX623 ETC-MX623 Datasheet
59Kb / 6P
Line-Powered Call Progress Tone Detector
logo
CML Microcircuits
FX623 CMLMICRO-FX623 Datasheet
50Kb / 6P
Call Progress Tone Decoder
FX633 CMLMICRO-FX633 Datasheet
299Kb / 13P
Call Progress Tone Detector
FX643 CMLMICRO-FX643 Datasheet
274Kb / 14P
Call Progress Tone Detector
logo
IXYS Corporation
M-980-02 IXYS-M-980-02 Datasheet
206Kb / 7P
3V/5V General Purpose Call Progress Tone Detector
More results




About Clare, Inc.


Clare, Inc. is a semiconductor company that specializes in the development and manufacturing of solid-state relays (SSRs) and other electronic components. The company was founded in 1992 and is based in Beverly, Massachusetts, USA.

Clare's product portfolio includes a wide range of SSRs, including AC and DC input models, single and dual output models, and high voltage and high current models. The company's SSRs are used in various applications, such as industrial automation, medical equipment, telecommunications, and transportation.

One of Clare's key areas of expertise is in the design of high-performance SSRs that offer superior reliability, fast switching speeds, and low power consumption. The company's SSRs are also designed to be compact and lightweight, making them well-suited to applications where space is limited.

In addition to its SSRs, Clare also offers a range of other electronic components, such as optocouplers, power switches, and voltage regulators. The company places a strong emphasis on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com