Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M-991 Datasheet (PDF) - Clare, Inc.

M-991 Datasheet PDF - Clare, Inc.
Part # M-991
Download  M-991 Download
File Size   171.03 Kbytes
Page   6 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description Call Progress Tone Generator

M-991 Datasheet (PDF)

Go To PDF Page Download Datasheet
M-991 Datasheet PDF - Clare, Inc.

Part # M-991
Download  M-991 Click to download

File Size   171.03 Kbytes
Page   6 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description Call Progress Tone Generator

M-991 Datasheet (HTML) - Clare, Inc.


M-991 Product details

Description
The M-991 is a call progress tone generator integrated circuit for use in telephone systems. The circuit uses low-power CMOS techniques to generate tones which are digitally controlled and highly linear. The M-991 is designed to permit operation with almost any system. The use of integrated circuit techniques allows the M-991 to incorporate the control, tone generating, and power output buffer into a single 14-pin DIP or a 16-pin SOIC. A 3.58-MHz (color burst) crystal-controlled time base guarantees accuracy and repeatability.

Features
• Generates standard call progress tones
• Digital input control
• Linear (analog) output
• Power output capable of driving standard line
• 14-pin DIP and 16-pin SOIC package types
• Single supply 5V CMOS (low power)
• Inexpensive 3.58 MHz time base
• Temperature range from -25ºC to 70ºC (-01 version)
• Temperature range from -40ºC to 85ºC (-02 version)

Applications
• Telephone systems
• Test equipment
• Callback
• Security systems
• Billing systems




Similar Part No. - M-991

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
M-993 CLARE-M-993 Datasheet
140Kb / 6P
Region 1 MF Tone Generator
More results


Similar Description - M-991

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
M-982-02 CLARE-M-982-02 Datasheet
200Kb / 7P
Precise Call Progress Tone Detector
M-985-01 CLARE-M-985-01 Datasheet
241Kb / 8P
Precise Call Progress and Special Information Tone Generator
logo
List of Unclassifed Man...
FX633 ETC-FX633 Datasheet
331Kb / 12P
Call Progress Tone Detector
BU8877 ETC-BU8877 Datasheet
102Kb / 3P
Call Progress Tone Decoder for Telephone
logo
Holtek Semiconductor In...
HT9020B HOLTEK-HT9020B Datasheet
120Kb / 7P
Call Progress Tone Detector
March 31, 2003
logo
List of Unclassifed Man...
FX623 ETC-FX623 Datasheet
49Kb / 6P
Call Progress Tone Decoder
logo
Holtek Semiconductor In...
HT9020 HOLTEK-HT9020 Datasheet
476Kb / 12P
Call Progress Tone Decoder & ABR Controller
21st Aug 98
logo
CML Microcircuits
FX623 CMLMICRO-FX623 Datasheet
50Kb / 6P
Call Progress Tone Decoder
FX633 CMLMICRO-FX633 Datasheet
299Kb / 13P
Call Progress Tone Detector
FX643 CMLMICRO-FX643 Datasheet
274Kb / 14P
Call Progress Tone Detector
More results




About Clare, Inc.


Clare, Inc. is a semiconductor company that specializes in the development and manufacturing of solid-state relays (SSRs) and other electronic components. The company was founded in 1992 and is based in Beverly, Massachusetts, USA.

Clare's product portfolio includes a wide range of SSRs, including AC and DC input models, single and dual output models, and high voltage and high current models. The company's SSRs are used in various applications, such as industrial automation, medical equipment, telecommunications, and transportation.

One of Clare's key areas of expertise is in the design of high-performance SSRs that offer superior reliability, fast switching speeds, and low power consumption. The company's SSRs are also designed to be compact and lightweight, making them well-suited to applications where space is limited.

In addition to its SSRs, Clare also offers a range of other electronic components, such as optocouplers, power switches, and voltage regulators. The company places a strong emphasis on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com