Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9020 Datasheet (PDF) - Holtek Semiconductor Inc

HT9020 Datasheet PDF - Holtek Semiconductor Inc
Part # HT9020
Download  HT9020 Download
File Size   476.88 Kbytes
Page   12 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Call Progress Tone Decoder & ABR Controller

HT9020 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT9020 Datasheet PDF - Holtek Semiconductor Inc

Part # HT9020
Download  HT9020 Click to download

File Size   476.88 Kbytes
Page   12 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Call Progress Tone Decoder & ABR Controller

HT9020 Datasheet (HTML) - Holtek Semiconductor Inc


HT9020 Product details

General Description
The HT9020 provides two modes; Call progress tone decoder and Busy redial controller, to support the application fields.

Features
• Low cost 32768Hz crystal
• Low power consumption
• Operating voltage: 2.5V to 5.5V (CPT mode)
                                 2.0V to 5.5V (ABR mode)
• Call progress tone decoder
   – Fully decoded tristate call progress status output
   – Works with traditional precision or PBX call progress tones
• Busy redial controller
   – Repeat times: 3, 10 or 15 times ( 2, 5, 15 times by mask option)
   – 4.65, 32.6 and 62.8 sec break time (16.3sec by mask option)
   – Auto-terminate after 30 times (default) ringback tone receipt




Similar Part No. - HT9020

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9020B HOLTEK-HT9020B Datasheet
120Kb / 7P
Call Progress Tone Detector
March 31, 2003
More results


Similar Description - HT9020

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5900 PHILIPS-NE5900 Datasheet
50Kb / 7P
Call progress decoder
1986 May 8
logo
Clare, Inc.
M-991 CLARE-M-991 Datasheet
171Kb / 6P
Call Progress Tone Generator
logo
List of Unclassifed Man...
FX633 ETC-FX633 Datasheet
331Kb / 12P
Call Progress Tone Detector
BU8877 ETC-BU8877 Datasheet
102Kb / 3P
Call Progress Tone Decoder for Telephone
logo
Holtek Semiconductor In...
HT9020B HOLTEK-HT9020B Datasheet
120Kb / 7P
Call Progress Tone Detector
March 31, 2003
logo
List of Unclassifed Man...
FX623 ETC-FX623 Datasheet
49Kb / 6P
Call Progress Tone Decoder
logo
CML Microcircuits
FX623 CMLMICRO-FX623 Datasheet
50Kb / 6P
Call Progress Tone Decoder
FX633 CMLMICRO-FX633 Datasheet
299Kb / 13P
Call Progress Tone Detector
FX643 CMLMICRO-FX643 Datasheet
274Kb / 14P
Call Progress Tone Detector
FX663 CMLMICRO-FX663 Datasheet
304Kb / 17P
Call Progress Decoder
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com