Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9020 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT9020
Description  Call Progress Tone Decoder & ABR Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9020 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT9020 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9020 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9020 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9020 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9020 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9020 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9020 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9020 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9020 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HT9020
Call Progress Tone Decoder & ABR Controller
Selection Table
Features
•
Low cost 32768Hz crystal
•
Low power consumption
•
Operating voltage: 2.5V to 5.5V (CPT mode)
2.0V to 5.5V (ABR mode)
•
Call progress tone decoder
–
Fully decoded tristate call progress status
output
–
Works with traditional precision or PBX call
progress tones
•
Busy redial controller
–
Repeat times: 3, 10 or 15 times
( 2, 5, 15 times by mask option)
–
4.65, 32.6 and 62.8 sec break time
(16.3sec by mask option)
–
Auto-terminate after 30 times (default)
ringback tone receipt
General Description
The HT9020 provides two modes; Call progress
tone decoder and Busy redial controller, to sup-
port the application fields.
Standard call progress tone decoder
This feature detects a specified input signal and
then outputs relative envelopes during a 2.32sec
interval. Three tristate output pins (DIAL, RBK,
BUSY) indicate the presence of a dial tone, ring-
back tone or busy/reorder tone respectively, so it
provides information that enables the microproc-
essor to decide whether to initiate, continue or
terminate calls.
Busy redial controller
This feature implements a busy redial function.
After decoding, if the line is busy, this device
forces the dialer to break for 62.8 sec, then
triggers the redial key after the dial tone re-
ceipt. If the receiver is still busy, the redial
sequence will be repeated 10 times. If the re-
ceiver is ringing, the redial sequence will be
terminated after 30 times of ringback tone re-
ceipt.
Function
Part No.
HT9020A
HT9020B
Operating
Voltage
OSC
Frequency
CPT Decoder
ABR
Repeat Times
ABR
Break Time
Package
CPT mode
2.5V~5.5V
ABR mode
2.0V~5.5V
32768Hz
18 DIP/SOP
8 DIP
CPT mode
2.5V~5.5V
32768Hz
Full decoded
CPT envelope only
3/10/15 times
[2/5/15 by
metal option]
4.65/32.6/62.8 sec
[16.3 sec by
metal option]
1
21st Aug ’98


Similar Part No. - HT9020

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9020B HOLTEK-HT9020B Datasheet
120Kb / 7P
Call Progress Tone Detector
March 31, 2003
More results

Similar Description - HT9020

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5900 PHILIPS-NE5900 Datasheet
50Kb / 7P
Call progress decoder
1986 May 8
logo
Clare, Inc.
M-991 CLARE-M-991 Datasheet
171Kb / 6P
Call Progress Tone Generator
logo
List of Unclassifed Man...
FX633 ETC-FX633 Datasheet
331Kb / 12P
Call Progress Tone Detector
BU8877 ETC-BU8877 Datasheet
102Kb / 3P
Call Progress Tone Decoder for Telephone
logo
Holtek Semiconductor In...
HT9020B HOLTEK-HT9020B Datasheet
120Kb / 7P
Call Progress Tone Detector
March 31, 2003
logo
List of Unclassifed Man...
FX623 ETC-FX623 Datasheet
49Kb / 6P
Call Progress Tone Decoder
logo
CML Microcircuits
FX623 CMLMICRO-FX623 Datasheet
50Kb / 6P
Call Progress Tone Decoder
FX633 CMLMICRO-FX633 Datasheet
299Kb / 13P
Call Progress Tone Detector
FX643 CMLMICRO-FX643 Datasheet
274Kb / 14P
Call Progress Tone Detector
FX663 CMLMICRO-FX663 Datasheet
304Kb / 17P
Call Progress Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com